Electronic Components Datasheet Search
  English  ▼

X  

P0080SC Datasheet(PDF) 3 Page - HUAAN LIMITED

Part # P0080SC
Description  Thyristor Surge Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAAN [HUAAN LIMITED]
Direct Link  http://www.huaandz.com/
Logo HUAAN - HUAAN LIMITED

P0080SC Datasheet(HTML) 3 Page - HUAAN LIMITED

  P0080SC Datasheet HTML 1Page - HUAAN LIMITED P0080SC Datasheet HTML 2Page - HUAAN LIMITED P0080SC Datasheet HTML 3Page - HUAAN LIMITED P0080SC Datasheet HTML 4Page - HUAAN LIMITED P0080SC Datasheet HTML 5Page - HUAAN LIMITED P0080SC Datasheet HTML 6Page - HUAAN LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P0080SA Thru P3500SC
Electrical Characteristics
continued
Part Number Marking
VDRM
@IDRM=5μA
VS
@100V/
μs
IH
Min
IS
Max
IT
Max
Capacitance
@1MHz,2V bias
Safety
Certification
Delivery Time
V min
V max
mA
mA
A
pF
UL
in stock Produce
P2300SB
P23B
190
260
150 800
2.2
50
√
4days
4days
P2600SB
P26B
220
300
150 800
2.2
45
√
4days
7days
P3100SB
P31B
275
350
150 800
2.2
45
√
4days
4days
P3500SB
P35B
320
400
150 800
2.2
40
√
4days
4days
P0080SC
P008C
6
25
50
800
2.2
75
√
4days
4days
P0300SC
P03C
25
40
50
800
2.2
75
√
4days
4days
P0640SC
P06C
58
77
150 800
2.2
55
√
4days
4days
P0720SC
P07C
65
88
150 800
2.2
60
√
4days
15days
P0900SC
P09C
75
98
150 800
2.2
65
√
4days
20days
P1100SC
P11C
90
130
150 800
2.2
55
√
---
---
P1300SC
P13C
120
160
150 800
2.2
60
√
---
---
P1500SC
P15C
140
180
150 800
2.2
50
√
4days
4days
P1800SC
P18C
170
220
150 800
2.2
55
√
---
---
P2100SC
P21C
180
240
150 800
2.2
85
-
---
---
P2300SC
P23C
190
260
150 800
2.2
65
√
4days
4days
P2600SC
P26C
220
300
150 800
2.2
65
√
4days
12days
P3100SC
P31C
275
350
150 800
2.2
55
√
4days
4days
P3500SC
P35C
320
400
150 800
2.2
50
√
4days
4days
P4500SC
P45C
400
540
150 800
2.2
45
-
4days
12days
Notes:
-All measurements are made at an ambient temperature of 25°C .Ipp applies to -40°C through +85°C temperature
range .
-Off-state capacitance(Co) is typical value.
*For surge ratings,see next page.
Specifications are subject to change without notice
3
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com