Electronic Components Datasheet Search
  English  ▼

X  

SC2230 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2230
Description  RA 75 Ohm F Female Bulkhead PCB Connector Surface Mount Solder Attachment IP 67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2230 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2230 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2230 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC2230 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1 Page 1 of 3
Copyright © 2014
Configuration
Connector
F Female
Electrical Specifications*
Description
Min
Typ
Max
Units
Frequency Range
DC
2.15
GHz
Impedance
75
Ohms
VSWR
1.95:1
Insertion Loss
0.46
dB
.
* Values at 25°C, sea level
Frequency 1
Frequency
DC to 1,000 MHz
VSWR
1.43:1
Insertion Loss
0.2 dB
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
1.3 in [33.02 mm]
Width/Dia.
0.55 in [13.97 mm]
Height
0.61 in [15.49 mm]
.
Connector
Type
F Female
Mating Cycles
500
Contact Material and Plating
Phosphor Bronze, Tin
Body Material and Plating
Zinc, Tin
Dielectric Type
PTFE
Compliance Certifications (visit www.FairviewMicrowave.com for current
document)
RoHS Compliant
Yes
RA 75 Ohm F Female Bulkhead PCB Connector
Surface Mount Solder Attachment IP 67 Rated
SC2230
DATA SHEET
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Interface: Surface Mount
• Attachment: Solder
• Body Style: Right Angle
• Mount Method: Bulkhead


Similar Part No. - SC2230

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC223 VITALCONN-SC223 Datasheet
325Kb / 3P
SFP2*2 CAGECONN
More results

Similar Description - SC2230

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44324 PASTERNACK-PE44324 Datasheet
225Kb / 3P
75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG6-CATV
PE44889 PASTERNACK-PE44889 Datasheet
378Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44890 PASTERNACK-PE44890 Datasheet
368Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44891 PASTERNACK-PE44891 Datasheet
379Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44892 PASTERNACK-PE44892 Datasheet
383Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB IP 67 Rated
PE44893 PASTERNACK-PE44893 Datasheet
361Kb / 3P
RP TNC Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB IP 67 Rated
PE44894 PASTERNACK-PE44894 Datasheet
389Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Edge Mount PCB IP 67 Rated
PE4505 PASTERNACK-PE4505_16 Datasheet
315Kb / 3P
75 Ohm N Female Bulkhead Mount Connector Solder Attachment
PE4506 PASTERNACK-PE4506_16 Datasheet
345Kb / 3P
75 Ohm N Female Bulkhead Mount Connector Solder Attachment
PE44895 PASTERNACK-PE44895 Datasheet
358Kb / 4P
75 Ohm F Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB, IP67 Rated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com