Electronic Components Datasheet Search
  English  ▼

X  

ESF-18 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # ESF-18
Description  Thin Ferrite Sheet provides optimal EMC solution for FPC and FFC.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

ESF-18 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  ESF-18 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
62
Thin Ferrite Sheet provides optimal EMC solution for FPC and FFC.
Feature
SMARTPLY
/FFPC
● Product design enables the sandwiching of FPC or FFC from top and bottom to suppress EMC.
● Suitable for mobile devices with its thin and light properties.
● Its flexible property does not impair FPC's flexibility.
● Prevent cracking and scattering of ferrite with PET and adhesives.
■ Permeability
1
10
100
1000
1
10
100
1000
[MHz]
FFPC-0.3-22-14Z
FFPC-0.3-22-14R
※The values are measured data for reference,
not guaranteed.
Impedance vs frequency
Unit:mm
D
C
B
A
Part No.
FFPC-0.3-10-5
FFPC-0.3-10-10
FFPC-0.3-12-8
FFPC-0.3-14-14
6.5
11
9.5
15
Applicable
cable width
32.5
30
38.5
38
5
10
8
14
10
12
14
10
12
14
D
C
B
A
Part No.
FFPC-0.3-22-8
FFPC-0.3-22-14
FFPC-0.3-27-14
FFPC-0.3-44-14
9.5
15
15.5
15
Applicable
cable width
60.5
54
70.5
98
8
14
22
27
44
22
27
44
※Custom profiles design is also available. Please contact our sales representative for further information.
②
A
①
②
③
②
③
A
C
Adhesive layer
A,B:Soft ferrite
C,D
:Profile(PET with adhesive layer)
①PET with an adhesive layer
②Ferrite sheet
③Double-sided adhesive tape
Metal filler EMC
noise suppression sheet
SMARTPLY
Emission level
Higher
(A)
Higher insertion loss and excellent EMC suppression in low frequency range (30MHz~300MHz)
compared to metal filler electromagnetic noise suppression sheet.
Radiated emission level from differential signal cable with component.
Mounting FFPC onto flexible cable
A
B
C
C
A
B
B
Ferrite
Ferrite
C
A
3.Attach on part
and wrap with
SMARTPLY around
the cable.
4.Fold part so as to attach part
on the back
side of part
. It’s ready by simple procedure.
※ It is not advisable to reuse the product once it is removed.
PET with an
adhesive layer
2.Attach SMARTPLY
to the cable on
part
.
A
1.Gently bend the liner
while take the ferrite
sheet off.
Dimensions
Properties
● PET with adhesive layer
● Ferrite sheet
● Double-sided adhesive tape
Material
Various Smartplys in one booklet
SMARTPLY ENGINEERING SAMPLE KIT
/ESF-18


Similar Part No. - ESF-18

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
ESF-3 FESTO-ESF-3 Datasheet
81Kb / 1P
Vacuum filter
ESF-4A FESTO-ESF-4A Datasheet
81Kb / 1P
Vacuum filter
ESF-4B FESTO-ESF-4B Datasheet
81Kb / 1P
Vacuum filter
More results

Similar Description - ESF-18

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Yamaichi Electronics Co...
FPC-96212-0401 YAMAICHI-FPC-96212-0401 Datasheet
290Kb / 5P
ZIF for FFC / FPC Connector
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
12FLZ-RSM1-TB ETC2-12FLZ-RSM1-TB Datasheet
133Kb / 5P
Connectors for FFC and FPC
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Realtek Semiconductor C...
RTL8196C REALTEK-RTL8196C Datasheet
104Kb / 6P
Realtek provides the turnkey solution for 11n Router/AP in hardware and software
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
0.5mm pitch/Connectors for FFC and FPC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com