Electronic Components Datasheet Search
  English  ▼

X  

KRFC Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # KRFC
Description  Split ferrite clamp for Mid-frequency range from 3 to 50MHz.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

KRFC Datasheet(HTML) 1 Page - KITAGAWA GmbH

  KRFC Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
46
HIGH μ FERRITE CLAMP/KRFC
Split ferrite clamp for Mid-frequency range from 3 to 50MHz.
Feature
●
Effective for suppression both of conducted noise up to 30MHz and radiated noise over 30MHz.
●
Split FERRITE CLAMP with plastic housing enables to attach assembled cable and cables with
connecter.
●
Cable tie can assist to hold electric wires and enables the product to be fixed to wire harness.
(Excluding KRFC-4)
●
Wire guiding system prevent wires from being pinched when winding assembly.
●
With optional mounting fixture, the product can be assembled on enclosure by M4 screw.(KRFC-15)
Material
●
Ferrite Core:Soft ferrite
 Housing:PA66 (Color:natural/Flammability:UL94V-0)
Unit:mm
Part No.
A
B
C
D
Applicable cable diameter
Impedance(Ω)
100MHz (1 Turn)
KRFC-4
13.7
13.5
27.5
−
φ3.5~4.5
≧ 70
KRFC-6
18.1
18.4
31.5
35.5
φ5.5~6.5
≧ 110
KRFC-8
20.1
20.4
31.5
35.5
φ7.5~8.5
≧ 80
KRFC-9
20.1
20.4
31.5
35.5
φ8.5~9.5
≧ 80
KRFC-10
26.3
26.4
32.4
37.2
φ9.5~10.5
≧ 120
KRFC-13
29.1
29.4
31.5
36.3
φ12.5~13.5
≧ 105
KRFC-15
※1
36.1
40.1
42.8
52.3
Max φ15.5
≧ 221
KRFC-26
※1
52.8
52.1
44.8
54.3
Max φ 26.0
≧ 196
①
①
①
①
①
①
②
②
KRFC-4
Frequency(MHz)
10000
1000
100
10
1
10
1000
100
KRFC-13
Frequency(MHz)
10000
1000
100
10
1
10
1000
100
KRFC-6
Frequency(MHz)
10000
1000
100
10
1
10
1000
100
KRFC-8
Frequency(MHz)
10000
1000
100
10
1
10
1000
100
KRFC-15
Frequency(MHz)
10000
1000
100
10
1
10
1000
100
KRFC-9
Frequency(MHz)
10000
1000
100
10
1
10
1000
100
KRFC-10
Frequency(MHz)
10000
1000
100
10
1
10
1000
100
KRFC-26
Frequency(MHz)
10000
1000
100
10
1
10
1000
100


Similar Part No. - KRFC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KRFC ETC2-KRFC Datasheet
392Kb / 1P
Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
KRFC-10 ETC2-KRFC-10 Datasheet
392Kb / 1P
Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
KRFC-13 ETC2-KRFC-13 Datasheet
392Kb / 1P
Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
KRFC-15 ETC2-KRFC-15 Datasheet
392Kb / 1P
Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
KRFC-4 ETC2-KRFC-4 Datasheet
392Kb / 1P
Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
More results

Similar Description - KRFC

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX11LHG EUROQUARTZ-CX11LHG Datasheet
181Kb / 1P
Frequency Range 16MHz to 50MHz
CX18SMAT EUROQUARTZ-CX18SMAT Datasheet
99Kb / 1P
Frequency Range 30MHz ~ 50MHz
logo
Pasternack Enterprises,...
PE8401 PASTERNACK-PE8401 Datasheet
262Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:2 TO 4GHz
logo
RF Micro Devices
RFXF9503 RFMD-RFXF9503 Datasheet
150Kb / 2P
Frequency Range: 3 MHz to 3000MHz
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
IF frequency range from DC to 3 GHz
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
IF frequency range from DC to 3 GHz
logo
Abracon Corporation
ASG-D ABRACON-ASG-D Datasheet
2Mb / 5P
Frequency range from 10MHz to 250MHz with LVCMOS output
04.17.12
logo
CRYSTEK CORPORATION
CATTEN-08R0-BNC CRYSTEKMICROWAVE-CATTEN-08R0-BNC Datasheet
403Kb / 2P
Attenuator frequency range is from DC to 1 GHz.
CATTEN-09R0-BNC CRYSTEKMICROWAVE-CATTEN-09R0-BNC Datasheet
403Kb / 2P
Attenuator frequency range is from DC to 1 GHz.
logo
List of Unclassifed Man...
KRFC ETC2-KRFC Datasheet
392Kb / 1P
Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com