Electronic Components Datasheet Search
  English  ▼

X  

DS91 Datasheet(PDF) 6 Page - Bridgelux, Inc.

Part # DS91
Description  Gen 7 Vero® 13 Array
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS91 Datasheet(HTML) 6 Page - Bridgelux, Inc.

Back Button DS91 Datasheet HTML 2Page - Bridgelux, Inc. DS91 Datasheet HTML 3Page - Bridgelux, Inc. DS91 Datasheet HTML 4Page - Bridgelux, Inc. DS91 Datasheet HTML 5Page - Bridgelux, Inc. DS91 Datasheet HTML 6Page - Bridgelux, Inc. DS91 Datasheet HTML 7Page - Bridgelux, Inc. DS91 Datasheet HTML 8Page - Bridgelux, Inc. DS91 Datasheet HTML 9Page - Bridgelux, Inc. DS91 Datasheet HTML 10Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
4
Product Selection Guide
Table 1: Selection Guide, Pulsed Measurement Data (T
j = Tc = 25°C) (continued)
Part Number
Nominal
CCT1
(K)
CRI2
Nominal Drive
Current3
(mA)
Typical Pulsed
Flux4,5,6
T
c = 25ºC
(lm)
Minimum
Pulsed Flux6,7
T
c = 25ºC
(lm)
Typical V
f
(V)
Typical
Power
(W)
Typical
Efficacy
(lm/W)
BXRC-35E2000-B-7x
3500
80
450
2725
2452
34.8
15.7
174
BXRC-35E2000-C-7x
3500
80
630
3815
3433
34.8
21.9
174
BXRC-35E2000-D-7x
3500
80
500
2767
2490
31.8
15.9
174
BXRC-35G2000-B-7x
3500
90
450
2239
2015
34.8
15.7
143
BXRC-35G2000-C-7x
3500
90
630
3135
2822
34.8
21.9
143
BXRC-35G2000-D-7x
3500
90
500
2274
2046
31.8
15.9
143
BXRC-35A2001-B-7x8,9
3500
93
450
2067
1860
34.8
15.7
132
BXRC-35A2001-C-7x8,9
3500
93
630
2894
2605
34.8
21.9
132
BXRC-35A2001-D-7x8,9
3500
93
500
2099
1889
31.8
15.9
132
BXRC-40C2001-B-7x
4000
70
450
2866
2579
34.8
15.7
183
BXRC-40C2001-C-7x
4000
70
630
4012
3611
34.8
21.9
183
BXRC-40C2001-D-7x
4000
70
500
2910
2619
31.8
15.9
183
BXRC-40E2000-B-7x
4000
80
450
2741
2466
34.8
15.7
175
BXRC-40E2000-C-7x
4000
80
630
3837
3453
34.8
21.9
175
BXRC-40E2000-D-7x
4000
80
500
2783
2504
31.8
15.9
175
BXRC-40G2000-B-7x
4000
90
450
2286
2058
34.8
15.7
146
BXRC-40G2000-C-7x
4000
90
630
3201
2881
34.8
21.9
146
BXRC-40G2000-D-7x
4000
90
500
2321
2089
31.8
15.9
146
BXRC-40H2000-B-7x
4000
97
450
2067
1860
34.8
15.7
132
BXRC-40H2000-C-7x
4000
97
630
2894
2605
34.8
21.9
132
BXRC-40H2000-D-7x
4000
97
500
2099
1889
31.8
15.9
132
BXRC-40A2001-B-7x8,9
4000
93
450
2239
2015
34.8
15.7
143
BXRC-40A2001-C-7x8,9
4000
93
630
3135
2822
34.8
21.9
143
BXRC-40A2001-D-7x8,9
4000
93
500
2274
2046
31.8
15.9
143
BXRC-50C2001-B-7x
5000
70
450
2881
2593
34.8
15.7
184
BXRC-50C2001-C-7x
5000
70
630
4034
3631
34.8
21.9
184
BXRC-50C2001-D-7x
5000
70
500
2926
2633
31.8
15.9
184
BXRC-50E2001-B-7x
5000
80
450
2772
2495
34.8
15.7
177
BXRC-50E2001-C-7x
5000
80
630
3881
3492
34.8
21.9
177
BXRC-50E2001-D-7x
5000
80
500
2814
2533
31.8
15.9
177
BXRC-50G2001-B-7x
5000
90
450
2396
2156
34.8
15.7
153
BXRC-50G2001-C-7x
5000
90
630
3354
3019
34.8
21.9
153
BXRC-50G2001-D-7x
5000
90
500
2433
2189
31.8
15.9
153
Notes for Table 1:
1. Nominal CCT as defined by ANSI C78.377-2011. Products with a CCT of 5000K-6500K are hot targeted to T
c = 85°C.
2. CRI values are typical for Decor Series Ultra, Decor Series Street and Landmark and Decor Series Class A products. CRI values are minimums for all other
products. Minimum R9 value for 80 CRI products is 0, the minimum R9 value for 90 CRI products is 50, the minimum R9 value for 97 CRI products is 93.
Bridgelux maintains a ± 3 tolerance on CRI and R9 values.
3. Drive current is referred to as nominal drive current.
4. Products tested under pulsed condition (10ms pulse width) at nominal test current where T
j (junction temperature) = Tc (case temperature) = 25°C.
5. Typical performance values are provided as a reference only and are not a guarantee of performance.
6. Bridgelux maintains a ±7% tolerance on flux measurements.
7. Minimum flux values at the nominal test current are guaranteed by 100% test.
8. Nominal CCT is defined by the Lighting Research Center’s Class A definition. The center of the Class A color bin is on the corresponding isothermal line.
9. GAI value is 80. To help ensure optimal fixture level performance, GAI is measured at the fixture level, on axis, at a case temperature of 70°C.  GAI may vary
depending on fixture design and performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com