Electronic Components Datasheet Search
  English  ▼

X  

HG3510DP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG3510DP
Description  3.5-3.8GHz, 60 Degree Flat Panel Antenna, 10 dBi, 2-Port, ±45 Slant Polarization
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG3510DP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG3510DP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG3510DP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG3510DP Datasheet HTML 3Page - Infinite Electronics International, Inc. HG3510DP Datasheet HTML 4Page - Infinite Electronics International, Inc. HG3510DP Datasheet HTML 5Page - Infinite Electronics International, Inc. HG3510DP Datasheet HTML 6Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
HG3510DP REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
3.5-3.8GHz, 60 Degree Flat Panel Antenna, 10 dBi, 2-Port, ±45 Slant Polarization HG3510DP
3.5-3.8GHz, 60 Degree Flat Panel Antenna,
10 dBi, 2-Port, ±45 Slant Polarization
Features
•
2 x 2 MIMO – Multiple-Input and Multiple-Output
•
Dual ±45 slant polarization ports with integral N-female connec-
tors in a single enclosure
•
UV-resistant radome and rugged mounting hardware for all-
weather operation
•
Stable 10 dBi gain in a small-profile 5” x 4” x 1.5” form factor
•
Ideal for indoor coverage or outdoor small-cell applications for
the CBRS
•
band
Applications
•
3.5 GHz Citizens Broadband Radio Service (CBRS) applications
•
Wireless LAN systems & IEEE 802.16e applications
•
Mobile WiMAX Wireless Internet Provider “cell” sites
•
SOFDMA
•
Outdoor or indoor point-to-point (PtP) or point-to-multipoint
(PtMP) in CBRS band
Description
Superior Performance: The L-COM Brand HG3510DP Flat Panel Antenna combines two ports with dual ±45 slant polarization, high
10 dBi gain with a 60 degree horizontal beamwidth in a single enclosure with one mounting point. It is a professional quality antenna
designed primarily for 2x2 MIMO point-to-point or point-to-multipoint applications in the 3.5 GHz Citizens Broadband Radio Service
(CBRS) frequency band. This antenna incorporates advanced low PIM, dual polarization technology that allows for the interoperability
of two 2x2 radios with multiple transmit and receive path. The small 5” x 4” x 1.5” flat panel limits the wireless infrastructure footprint
and provides high gain for stable PtP or PtMP links. It can be used for indoor coverage for private LTE networks or outdoor small-cell
applications. This antenna supports LTE deployments in the CBRS 3.5 - 3.8 GHz spectrum.
Rugged and Weatherproof: The 2-port flat panel antenna features a heavy-duty UV-resistant plastic radome for all-weather operation.
The heavy-duty, powder-coated mounting brackets is polarization adjustable between horizontal/vertical and ±45 slant polarization and
allows installation with pipe diameter from 1.2” to 2”. This CBRS flat pane antenna is built to withstand speeds of up to 130 mph and
survive in a wide-range of challenging environments.
Configuration
Design
Panel
Application Band
CBRS
Band Type
Single
Radiation Pattern
Directional
Polarization
H/V or 45 Deg. Slant
Connector Type
N Female
Number of Ports
2
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
3.5
3.8
GHz
Input VSWR
1.3:1
1.5:1
Impedance
50
Ohms
Gain
10
dBi
Front to Back Ratio
20
dB
HG3510DP


Similar Part No. - HG3510DP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG3510U-PRO L-COM-HG3510U-PRO Datasheet
255Kb / 3P
3300-3800 MHz 10 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome
05/25/2021
More results

Similar Description - HG3510DP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51023 PASTERNACK-PE51023 Datasheet
143Kb / 1P
902-928 MHz DIRECTIONAL PANEL OUTDOOR ANTENNA, 9 dBI, VERTICAL POLARIZATION
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51043 PASTERNACK-PE51043 Datasheet
72Kb / 1P
WIFI Panel Antenna 2600 MHz, 14 dBi
PE51044 PASTERNACK-PE51044 Datasheet
81Kb / 1P
WiMAX Panel Antenna 5800 MHz, 23 dBi
PE51046 PASTERNACK-PE51046 Datasheet
74Kb / 1P
WiMax Panel Antenna 3500 MHz, 16 dBi
PE51047 PASTERNACK-PE51047 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 18 dBi
PE51048 PASTERNACK-PE51048 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 20 dBi
logo
Red Lion Controls. Inc
ANT-PD58-19 REDLION-ANT-PD58-19 Datasheet
382Kb / 2P
Flat Panel Directional Antenna
ANT-PAD58-20 REDLION-ANT-PAD58-20 Datasheet
1Mb / 2P
Flat Panel Directional Antenna
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com