Electronic Components Datasheet Search
  English  ▼

X  

HG3516DP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG3516DP
Description  HyperLink Wireless 3.5 GHz 16 dBi Dual Polarized Flat Panel Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG3516DP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG3516DP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG3516DP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG3516DP Datasheet HTML 3Page - Infinite Electronics International, Inc. HG3516DP Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 3.5 GHz 16 dBi Dual Polarized Flat Panel Antenna
Model: HG3516DP
Applications
3.5 GHz Band Applications
Wireless LAN systems & IEEE 802.16e Applications
WiMAX 7 Mobile WiMAX
Wireless Internet Provider "cell" sites
SOFDMA
Features
Vertical and horizontal polarization
Dual polarity feed system – (2) N-Female
connectors
UV-resistant radome for all-weather
operation
Includes tilt and swivel mast mounting
Description
Superior Performance
The HyperLink HG3516DP Flat Panel Antenna combines vertical and horizontal polarization with high gain in a
single enclosure. It is a professional quality antenna designed primarily for MIMO point-to-multipoint and point-to-
point applications in the 3.5 GHz frequency bands. The unit can be used with APs and Routers with 1 or 2 antenna
ports.
This antenna incorporates advanced dual polarization technology that allows for the interoperability of two radios
transmit and receive paths. This technology allows for the attenuation of unwanted signals from adjacent channels
and/or co-located equipment.
Rugged and Weatherproof
This antenna features a heavy-duty UV-resistant plastic radome for all-
weather operation. The HG3516DP antenna is supplied with a stainless
steel tilt and swivel mast mount kit. This allows quick installation at
various degrees of up/down tilt for easy alignment.


Similar Part No. - HG3516DP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG3510DP L-COM-HG3510DP Datasheet
567Kb / 6P
3.5-3.8GHz, 60 Degree Flat Panel Antenna, 10 dBi, 2-Port, ±45 Slant Polarization
04/29/2020
HG3510U-PRO L-COM-HG3510U-PRO Datasheet
255Kb / 3P
3300-3800 MHz 10 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome
05/25/2021
HG3512UP-NF L-COM-HG3512UP-NF Datasheet
265Kb / 2P
HyperGain 3.5GHz 11dBi WiMAX Omnidirectional Antenna
HG3513DP4-NF L-COM-HG3513DP4-NF Datasheet
472Kb / 3P
3300-3800 MHz 13 dBi Gain Omnidirectional Dual Pol MIMO Antenna - 4 x Type N Female Connector, PVC Radome
05/04/2021
HG3513DPU-45 L-COM-HG3513DPU-45 Datasheet
323Kb / 3P
3300-3800 MHz 13 dBi Gain Omnidirectional Dual Pol MIMO Antenna - Type N Female Connector, PVC Radome
05/04/2021
More results

Similar Description - HG3516DP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51044 PASTERNACK-PE51044 Datasheet
81Kb / 1P
WiMAX Panel Antenna 5800 MHz, 23 dBi
PE51046 PASTERNACK-PE51046 Datasheet
74Kb / 1P
WiMax Panel Antenna 3500 MHz, 16 dBi
PE51047 PASTERNACK-PE51047 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 18 dBi
PE51048 PASTERNACK-PE51048 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 20 dBi
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
World Produts Inc.
WPANT30052-RA WPI-WPANT30052-RA Datasheet
78Kb / 2P
3.5 GHz WiMAX Directional Panel Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com