Electronic Components Datasheet Search
  English  ▼

X  

ACT634SMX-2 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACT634SMX-2
Description  low cost, 2 pad, high quality, low aging 6x3.5mm SMD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT634SMX-2 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACT634SMX-2 Datasheet HTML 1Page - Advanced Crystal Technology ACT634SMX-2 Datasheet HTML 2Page - Advanced Crystal Technology ACT634SMX-2 Datasheet HTML 3Page - Advanced Crystal Technology ACT634SMX-2 Datasheet HTML 4Page - Advanced Crystal Technology ACT634SMX-2 Datasheet HTML 5Page - Advanced Crystal Technology ACT634SMX-2 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Tel : 0044 (0)118 979 1238
Fax : 0044 (0)118 979 1283
email : info@actcrystals.com
Table 2
Stability
Temp
Standard stabilities
Standard Re-flow Profile
ACT634SMX-2
0~+50°C
-10+60°C
-20~+70°C
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
ISO9001:2000 Registered
+/- 10ppm
+/- 20ppm
+/- 30ppm
+/- 50ppm
+/- 5ppm
-30~+80°C
-40~+85°C
3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com