Electronic Components Datasheet Search
  English  ▼

X  

CD74HC109M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC109M
Description  Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC109M Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC109M Datasheet HTML 1Page - Texas Instruments CD74HC109M Datasheet HTML 2Page - Texas Instruments CD74HC109M Datasheet HTML 3Page - Texas Instruments CD74HC109M Datasheet HTML 4Page - Texas Instruments CD74HC109M Datasheet HTML 5Page - Texas Instruments CD74HC109M Datasheet HTML 6Page - Texas Instruments CD74HC109M Datasheet HTML 7Page - Texas Instruments CD74HC109M Datasheet HTML 8Page - Texas Instruments CD74HC109M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Functional Diagram
Logic Diagram
TRUTH TABLE
INPUTS
OUTPUTS
S
RCP
J
KQ
Q
LH
X
X
X
H
L
H
L
XXX
L
H
L
L
X
X
X
H (Note 1)
H (Note 1)
H
H
↑
LLL
H
H
H
↑
H
L
Toggle
HH
↑
L
H
No Change
HH
↑
HHH
L
H
H
L
X
X
No Change
H= High Level (Steady State)
L= Low Level (Steady State)
X= Don’t Care
↑= Low-to-High Transition
NOTE:
1. Unpredictable and unstable condition if both S and R go high simultaneously
1S
2S
2R
5
11
6
7
1Q
1Q
15
1
1R
2K
13
12
10
9
2Q
2Q
2CP
F/F 1
F/F 2
GND = 8
VCC = 16
2J
14
1K
3
4
1CP
1J
2
S
J
K
CL
CL
R
Q
Q
6(10)
7(9)
Q
Q
5(11)
S
2(14)
J
3(13)
K
4(12)
CP
1(15)
R
FF
VCC
GND
16
8
CD54HC109, CD74HC109, CD54HCT109, CD74HCT109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com