Electronic Components Datasheet Search
  English  ▼

X  

KM152F Datasheet(PDF) 21 Page - Clarke International

Part # KM152F
Description  2200W INVERTER GENERATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

KM152F Datasheet(HTML) 21 Page - Clarke International

Back Button KM152F Datasheet HTML 17Page - Clarke International KM152F Datasheet HTML 18Page - Clarke International KM152F Datasheet HTML 19Page - Clarke International KM152F Datasheet HTML 20Page - Clarke International KM152F Datasheet HTML 21Page - Clarke International KM152F Datasheet HTML 22Page - Clarke International KM152F Datasheet HTML 23Page - Clarke International KM152F Datasheet HTML 24Page - Clarke International KM152F Datasheet HTML 25Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
5. Check the spark plug gap (a) with a
feeler gauge, it should be between
0.6 and 0.7 mm.
• Adjust if necessary.
6. Check the overall condition of the
spark plug and replace if damaged.
NOTE: Spark plugs are available from
CLARKE Spare Parts department
020 8988 7400.
7. Reinstall the spark plug and replace the spark plug cap and top cover.
CLEAN FUEL TANK FILTER (EVERY 100 HOURS OF USE OR
EVERY 6 MONTHS)
Just inside the fuel tank is a fuel filter. Check this filter periodically and remove any
contaminants which may have accumulated.
1. Remove the fuel tank cap.
2. Lift out the filter inside.
3. Clean the filter with solvent. If the
filter is damaged, contact CLARKE
Spare Parts department 020 8988
7400 for a replacement.
4. Replace the filter and fuel tank cap.
CAUTION: ALLOWING PETROL TO SIT IN THE FUEL TANK FOR LONG
PERIODS OF TIME CAN MAKE IT DIFFICULT TO START THE
GENERATOR IN THE FUTURE. NEVER STORE THE GENERATOR FOR
EXTENDED PERIODS OF TIME WITH FUEL IN THE TANK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com