Electronic Components Datasheet Search
  English  ▼

X  

SC80-1 Datasheet(PDF) 21 Page - Clarke International

Part # SC80-1
Description  DUAL FUEL INVERTER GENERATOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

SC80-1 Datasheet(HTML) 21 Page - Clarke International

Back Button SC80-1 Datasheet HTML 17Page - Clarke International SC80-1 Datasheet HTML 18Page - Clarke International SC80-1 Datasheet HTML 19Page - Clarke International SC80-1 Datasheet HTML 20Page - Clarke International SC80-1 Datasheet HTML 21Page - Clarke International SC80-1 Datasheet HTML 22Page - Clarke International SC80-1 Datasheet HTML 23Page - Clarke International SC80-1 Datasheet HTML 24Page - Clarke International SC80-1 Datasheet HTML 25Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
WATTAGE REFERENCE GUIDE
These are estimates only. Check your appliance or tool for exact wattage
requirements. The wattage listed are based on estimated wattage requirements.
For exact wattages, check the data plate or owners manual for the item you wish to
power.
Operating voltage and frequency requirements of all electronic equipment should be
checked prior to plugging them into the generator. Damage may result if the
equipment is not designed to operate within +/- 10% voltage variation and +/- 3 Hz
frequency variation from the generator specification ratings, see Specification section
on page 3.
ITEM
RUNNING WATTS STARTING WATTS
Light Bulb
100
100
Refrigerator/Freezer
1200
2400
Sump Pump
600
1800
Well Pump 1HP
2000
4000
Water Heater
4000
-
Security System
180
-
AM/FM Radio
300
-
Battery Charger 12V
110
-
Fan
300
600
Microwave
1000
-
27” Television
500
-
Computer with Monitor
800
-
Belt Sander
1000
1500
Bench Grinder
700
1500
Circular Saw
1500
1500
Compressor 1.5 HP
1000
1000
Power Drill
1000
1000
Paint Sprayer
600
1200
Table Saw
2000
2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com