Electronic Components Datasheet Search
  English  ▼

X  

CCT Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # CCT
Description  Thin and flexible metal foil tape backed by a conductive filler adhesive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

CCT Datasheet(HTML) 1 Page - KITAGAWA GmbH

  CCT Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
90
※The values are measured data for reference, not guaranteed.
Copper foil
Release lyner
Conductive adhesive
PartNo.
Width
(mm)
Thickness
(mm)
adhesivestrength
Resistivity
CCT-8-C
8
0.075
9.4N/25mm
0.004
Ω/inch2
CCT-10-C
10
CCT-13-C
13
CCT-20-C
20
CCT-25-C
25
CCT-50-C
50
CCT-100-C
100
CCT-600-C
600
CCT-250-C※1
(□ 250)
CCT-A4-C※1
(A4)
CCT-6-A
6
0.09
8.6N/25mm
0.008
Ω/inch2
CCT-8-A
8
CCT-15-A
15
CCT-20-A
20
CCT-25-A
25
CCT-A4-A※1
(A4)
● Base material / CCT-C : Copper foil
CCT-A : Aluminum foil
● Adhesive layer / Conductive adhesive
Thin and flexible metal foil tape backed by a conductive filler adhesive
● Highly conductive adhesive provides high shielding effectiveness.
● Easy punching and half-cutting to optimal configurations.
Feature
Material
CONDUCTIVE TAPE
/CCT
※ 1)Sheet type
● Standard length:20m
※Custom cutting is available upon request.


Similar Part No. - CCT

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
CCT CYNERGY3-CCT Datasheet
644Kb / 2P
Triac Die Glass Passivated Junction Protection for Superior Blocking Voltage and Stability
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
Normally Open Coaxial Switch
CCT-38S TELEDYNE-CCT-38S Datasheet
522Kb / 5P
Controlled with USB or Ethernet
CCT-38S TELEDYNE-CCT-38S Datasheet
926Kb / 14P
Normally Open Coaxial Switch
CCT-38S100-D TELEDYNE-CCT-38S100-D Datasheet
804Kb / 10P
Normally Open Coaxial Switch
More results

Similar Description - CCT

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
OPTX1006 DIALIGHT-OPTX1006 Datasheet
119Kb / 2P
ADHESIVE-BACKED LENS
logo
PANDUIT CORP.
ABMM-A PANDUIT-ABMM-A Datasheet
74Kb / 1P
ADHESIVE BACKED MOUNT
logo
3M Electronics
80011181049 3M-80011181049 Datasheet
20Kb / 3P
1181 Tape Copper Foil with Conductive Adhesive
Jan-2000
1170 3M-1170 Datasheet
107Kb / 2P
Aluminum Foil with Conductive Adhesive
Apr-2010
1181 3M-1181 Datasheet
107Kb / 2P
Copper Foil with Conductive Adhesive
Apr-2010
1183 3M-1183 Datasheet
66Kb / 2P
Tin-Plated Copper Foil with Conductive Adhesive Tape 1183
Rev C
9943 3M-9943 Datasheet
43Kb / 2P
3MTM Thin Hydrocolloid Adhesive Tape
Jul-2009
3313 3M-3313 Datasheet
29Kb / 2P
Conductive Copper Foil Tape
AL-25BT 3M-AL-25BT Datasheet
140Kb / 2P
Aluminum Foil with Conductive Acrylic Adhesive
2003
AL-50BT 3M-AL-50BT Datasheet
140Kb / 2P
Aluminum Foil with Conductive Acrylic Adhesive
2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com