Electronic Components Datasheet Search
  English  ▼

X  

MAB Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # MAB
Description  Flexible sheet consists of resin with soft ferrite filler
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

MAB Datasheet(HTML) 1 Page - KITAGAWA GmbH

  MAB Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23
20
15
10
5
0
10
100
1000
Frequency[MHz]
MAB-03 µr'
MAB-03 µr"
Network analyzer
PORT1
Test piece
Coaxial line
S11
PORT2
0.0
 ー0.5
ー1.0
ー1.5
ー2.0
ー2.5
ー3.0
0
1
2
3
4
5
Frequency[GHz]
MAB-03[t=1mm]
MAB-03[t=0.4mm]
S21
PORT1 PORT2
Network analyzer
0.0
 ー0.5
ー1.0
ー1.5
ー2.0
0
1
2
3
4
5
Frequency[GHz]
MAB-03[t=1mm]
MAB-03[t=0.4mm]
● Soft ferrite + resin
Flexible sheet consists of resin with soft ferrite filler
● Sheet thickness, 0.4 - 4.0mm are available.
● Flexible and easy handling.
Feature
Material
EMI ABSORPTION SHEET
/MAB
Properties
■ Reflection loss
■ Permeability
■ Transmission loss
※The values are measured data for reference, not
guaranteed.
PartNo.
Unit
Standard
MAB-03
A
mm
ー
0.4/1.0/2.0/4.0
B
mm
ー
0.16
Color※
ー
ー
Black
Volumeresistivity※
Ω・cm
JISK6911compliant
1012
Flameresistance※
ー
UL94
V-0
Operatingtemp※
℃
ー
-40〜85
※Double-sided
adhesive tape not included
EMI absorption sheet
Double-sided
adhesive tape


Similar Part No. - MAB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MAB ILLINOISCAPACITOR-MAB Datasheet
258Kb / 4P
Small size ??Good dvdt ??EN60252-1 rated
logo
MEC Marcom Electronic C...
MAB MEC-MAB Datasheet
341Kb / 2P
EMC SUPPRESSION SHEET
logo
Powerbox
MAB03 POWERBOX-MAB03 Datasheet
709Kb / 2P
3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAB03027 POWERBOX-MAB03027 Datasheet
709Kb / 2P
3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAB03030 POWERBOX-MAB03030 Datasheet
709Kb / 2P
3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - MAB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
EG7500B-LS SII-EG7500B-LS Datasheet
445Kb / 25P
This specification consists of two doucuments as follows
logo
Estek Electronics Co. L...
LM339 ESTEK-LM339 Datasheet
2Mb / 6P
consists of four independent voltage comparators
logo
Wurth Elektronik GmbH &...
30405 WURTH-30405 Datasheet
186Kb / 2P
Flexible ferrite absorber platte
30410 WURTH-30410 Datasheet
186Kb / 2P
Flexible ferrite absorber platte
304025 WURTH-304025 Datasheet
186Kb / 2P
Flexible ferrite absorber platte
74271722 WURTH-74271722 Datasheet
448Kb / 4P
STAR-FIX Snap Ferrite with flexible cable fixing
74271722S WURTH-74271722S Datasheet
448Kb / 4P
STAR-FIX Snap Ferrite with flexible cable fixing
74271733 WURTH-74271733 Datasheet
504Kb / 4P
STAR-FIX Snap Ferrite with flexible cable fixing
74271733S WURTH-74271733S Datasheet
504Kb / 4P
STAR-FIX Snap Ferrite with flexible cable fixing
logo
HTC Korea TAEJIN Techno...
LM2904 HTC-LM2904 Datasheet
197Kb / 4P
The LM2904 consists of two independent
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com