Electronic Components Datasheet Search
  English  ▼

X  

MLB Datasheet(PDF) 3 Page - KITAGAWA GmbH

Part # MLB
Description  Ferrite Chip Bead for high speed application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

MLB Datasheet(HTML) 3 Page - KITAGAWA GmbH

  MLB_V01 Datasheet HTML 1Page - KITAGAWA GmbH MLB_V01 Datasheet HTML 2Page - KITAGAWA GmbH MLB_V01 Datasheet HTML 3Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
78
1 MLB-160808-0030S03
>       2 MLB-201209-0300S02
>       3 MLB-201209-0600S02
>       4 MLB-321611-0600C30
>       5 MLB-321611-0080C40
>       6 MLB-321611-0120C60
>       7 MLB-100505-0120N15
1
10
100
1000
FREQ(MHz)
0
200
400
600
800
MLB-201209-0300S02
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
30
60
90
120
MLB-160808-0030S03
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
400
800
1200
1600
MLB-201209-0600S02
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
200
400
600
800
MLB-321611-0600C30
Z R
XL
1
10
100
1000
FREQ(MHz)
0
40
80
120
160
MLB-321611-0080C40
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
50
100
150
200
MLB-321611-0120C60
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
60
120
180
240
MLB-100505-0120N15
Z
R
XL
1 MLB-160808-0030S03
>       2 MLB-201209-0300S02
>       3 MLB-201209-0600S02
>       4 MLB-321611-0600C30
>       5 MLB-321611-0080C40
>       6 MLB-321611-0120C60
>       7 MLB-100505-0120N15
1
10
100
1000
FREQ(MHz)
0
200
400
600
800
MLB-201209-0300S02
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
30
60
90
120
MLB-160808-0030S03
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
400
800
1200
1600
MLB-201209-0600S02
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
200
400
600
800
MLB-321611-0600C30
Z R
XL
1
10
100
1000
FREQ(MHz)
0
40
80
120
160
MLB-321611-0080C40
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
50
100
150
200
MLB-321611-0120C60
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
60
120
180
240
MLB-100505-0120N15
Z
R
XL
FERRITE CHIP BEAD FOR HIGH SPEED/MLB
■ MLB-160808-0220S02
■ MLB-160808-1000S01
■ MLB-201209-0120S03
■ MLB-201209-1000S02
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
■ MLB-160808-0300S02
■ MLB-201209-0026S05
■ MLB-201209-0300S02
■ MLB-321611-0120S04
■ MLB-160808-0600S02
■ MLB-201209-0060S04
■ MLB-201209-0600S02
■ MLB-321611-0600S02



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com