Electronic Components Datasheet Search
  English  ▼

X  

RFC-MA Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # RFC-MA
Description  Ferrite clamp with excellent heat resistance, effective for prevention of conducted/radiated noise in low-frequency range
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

RFC-MA Datasheet(HTML) 1 Page - KITAGAWA GmbH

  RFC-MA Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
38
LOW CUT FERRITE CLAMP
/RFC-**MA
Ferrite clamp with excellent heat resistance, effective for
prevention of conducted/radiated noise in low-frequency range
●
Operatingtemperature:-40°Cto+125°C
●
Suitableforsuppressionoflow-frequencynoise(150kHzto30MHz)ofpowersupplysystem.
●
SplittypeFerriteClamp,makingiteasytoapplytoassembledwires.
●
Housingwithanti-slipmeansforcabletiearounditsouterside.Highlyreliablebecauseofthe
lockofthehousingaswellasthefasteningofthetie.*ExcludingRFC-20MA
●
ThematerialoftheplastichousingisUL94V-2certified.
●
Vehicle ECU, inverter, low-frequency noise prevention by motor drive
Unit:mm
PartNo.
A
B
C
Applicablecablediameter
RFC-8MA
RFC-13MA
RFC-20MA
20.6
29.6
40.0
19.8
28.4
40.0
34.0
34.0
47.0
Max.φ8.5
φ12.5~ 13.5
Max.φ20
ImpedanceΩ/10MHz(1turn)
≧ 20
≧ 20
≧ 20
Feature
slip-proof for band
Specification
Application
※The values are measured data for reference, not guaranteed.
RFC-8MA
Frequency(MHz)
0.01
1000
100
10
1
1
0.1
10
100
0.01
1
0.1
10
100
0.01
1
0.1
10
100
RFC-13MA
Frequency(MHz)
1000
100
10
1
RFC-20MA
Frequency(MHz)
1000
100
10
1
Impedance vs frequency
●
FerriteCore:Softferrite
 Housing:PA66 (Color:Natural/Flammability:UL94V-2)
Material


Similar Part No. - RFC-MA

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
RFC-MA KGS-RFC-MA Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
More results

Similar Description - RFC-MA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM150N AD-ADUM150N Datasheet
536Kb / 22P
High robustness to radiated and conducted noise
Rev. 0
logo
Murata Manufacturing Co...
BLM15GA750SN1 MURATA1-BLM15GA750SN1_V01 Datasheet
243Kb / 4P
Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated06/30/2022
BLM15GG221SZ1 MURATA1-BLM15GG221SZ1_V01 Datasheet
244Kb / 3P
Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated06/30/2022
BLM18DN151SN1 MURATA1-BLM18DN151SN1 Datasheet
388Kb / 4P
Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated07/05/2022
BLM18DN221SH1 MURATA1-BLM18DN221SH1 Datasheet
390Kb / 3P
Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated07/05/2022
BLM18DN221SN1 MURATA1-BLM18DN221SN1 Datasheet
390Kb / 4P
Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated07/05/2022
BLM18DN381SH1 MURATA1-BLM18DN381SH1 Datasheet
395Kb / 3P
Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated07/05/2022
BLM18DN381SN1 MURATA1-BLM18DN381SN1 Datasheet
395Kb / 4P
Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated07/05/2022
BLM18DN601SN1 MURATA1-BLM18DN601SN1 Datasheet
389Kb / 4P
Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated07/05/2022
logo
List of Unclassifed Man...
KRFC ETC2-KRFC Datasheet
392Kb / 1P
Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com