Electronic Components Datasheet Search
  English  ▼

X  

1013140000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1013140000
Description  BLF 5.08/19/180F SN BK BX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1013140000 Datasheet(HTML) 4 Page - Weidmuller

  1013140000 Datasheet HTML 1Page - Weidmuller 1013140000 Datasheet HTML 2Page - Weidmuller 1013140000 Datasheet HTML 3Page - Weidmuller 1013140000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/180 | BLF 5.08/180F SN
- 4 -
1013230000
BLF 5.08/15/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 15, 180°, Box
1012970000
BLF 5.08/16/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 16, 180°, Box
1013240000
BLF 5.08/16/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 16, 180°, Box
1012980000
BLF 5.08/17/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 17, 180°, Box
1013250000
BLF 5.08/17/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 17, 180°, Box
1012990000
BLF 5.08/18/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 18, 180°, Box
1013260000
BLF 5.08/18/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 18, 180°, Box
1013270000
BLF 5.08/19/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 19, 180°, Box
1013020000
BLF 5.08/20/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 20, 180°, Box
1013280000
BLF 5.08/20/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 20, 180°, Box
1013030000
BLF 5.08/21/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 21, 180°, Box
1013290000
BLF 5.08/21/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 21, 180°, Box
1013040000
BLF 5.08/22/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 22, 180°, Box
1013310000
BLF 5.08/22/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 22, 180°, Box
1013050000
BLF 5.08/23/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 23, 180°, Box
1013320000
BLF 5.08/23/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 23, 180°, Box
1013060000
BLF 5.08/24/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 24, 180°, Box
1013330000
BLF 5.08/24/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 24, 180°, Box



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com