Electronic Components Datasheet Search
  English  ▼

X  

CKS Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # CKS
Description  Snap-mount clamp applicable for thick panles (0.5~4.1 mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

CKS Datasheet(HTML) 1 Page - KITAGAWA GmbH

  CKS Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CKS CLAMP / CKS
Features
● Box-structured lock prevents side slippage at
fastening.
● Applicable to panel thickness from 0.5mm (L-type) to
4.1mm (H -type).
Snap Mounting
Material
● Nylon 66 (Color:Grey)
UL94 V-2
●
●
(
:
)
CKN series
For adhesive backed
type
Refer to the right page
●
●
(
:
)
●
(
:
)
Part No.
Panel thickness
Mounting hole size
Std. Package
13.8
15.1
17.3
19.3
21.3
23.3
31.4
Max bundle diameter
100 pcs.
CKS-05-L
CKS-05-H
CKS-07-L
CKS-07-H
CKS-10-L
CKS-10-H
CKS-13-L
CKS-13-H
CKS-16-L
CKS-16-H
CKS-20-L
CKS-20-H
CKS-26-L
A
B
23.2
25.0
28.4
32.0
35.0
37.0
46.0
12.8
15.1
19.7
25.6
26.2
30.8
40.75
8.5
9.8
12.0
14.0
16.0
18.0
24.0
φ5.4
φ6.2
φ9.8
φ14.4
φ17.5
φ20.0
φ28.0
+0.2
0
φ6.4
-L type
0.5~2.3
-H type
2.3~4.1
(C)
D
Part No.
Max bundle
diameter
Std. Package
A
CKN-05-R
CKN-07-R
CKN-10-R
CKN-13-R
CKN-16-R
CKN-20-R
CKN-28-R
CKN-38-R
20.5
17.5
21.0
24.0
25.5
30.0
43.0
56.0
B
17.5
25.5
30.0
30.0
36.0
40.0
56.0
76.0
C
2.0
2.2
2.5
2.5
3.0
3.0
3.5
4.1
D
8.5
9.8
12.0
14.0
16.0
18.0
24.0
30.0
(H)
13.4
15.9
20.6
26.1
27.0
31.4
41.7
57.2
φ 5.4
φ 6.2
φ10.0
φ14.4
φ17.4
φ20.0
φ29.0
φ37.4
20 pcs
100 pcs
Part No.
Max bundle
diameter
A
CKN-10SP-R
CKN-13SP-R
CKN-16SP-R
CKN-20SP-R
21.0
24.0
25.5
30.0
B
30.0
30.0
36.0
40.0
C
2.5
2.5
3.0
3.0
D
12.0
14.0
16.0
18.0
(H)
20.6
26.1
27.0
31.4
φ8
φ10
φ13
φ14
Std. Package
100 pcs.
(Unit:mm)
(Unit:mm)
…
All CKS products are
UL recognized.
※
Round hole
1565
1565
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
(Unit:mm)
…UL1565 recognized product
UL
※L type (7.7)
 H type (9.5)
D
B
※
B
B
Snap-mount clamp applicable for thick panles (0.5~4.1 mm)
57


Similar Part No. - CKS

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
CKS LORLIN-CKS Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
logo
Taiyo Yuden (U.S.A.), I...
CKS2125100M-T TAIYO-YUDEN-CKS2125100M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CKS2125100M-T TAIYO-YUDEN-CKS2125100M-T Datasheet
266Kb / 2P
Multilayer Chip Inductors (CK series S type)
CKS2125100M-T TAIYO-YUDEN-CKS2125100M-T_19 Datasheet
266Kb / 2P
Multilayer Chip Inductors (CK series S type)
CKS21251R0M-T TAIYO-YUDEN-CKS21251R0M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
More results

Similar Description - CKS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GM4BW53340A SHARP-GM4BW53340A Datasheet
458Kb / 1P
0.5 mm Thick Thin Type 1.8 cd White Side View Chip LED
logo
Hirose Electric
ITS-P-10005FH HIROSE-ITS-P-10005FH Datasheet
462Kb / 1P
0.5 mm Pitch, Robust Vertical Mount
logo
Seoul Semiconductor
EBT801-S SEOUL-EBT801-S Datasheet
872Kb / 25P
Applicable for automotive interior light
ELWT801-S05 SEOUL-ELWT801-S05 Datasheet
894Kb / 26P
Applicable for automotive interior light
EMIBT809-S SEOUL-EMIBT809-S Datasheet
939Kb / 27P
Applicable for automotive interior light
SAT802-SB SEOUL-SAT802-SB Datasheet
890Kb / 24P
Applicable for automotive Exterior light
STG0A12CE SEOUL-STG0A12CE Datasheet
869Kb / 25P
Applicable for automotive interior light
SZ5-L1-W0-00 SEOUL-SZ5-L1-W0-00 Datasheet
804Kb / 24P
Applicable for automotive exterior light
SZ5-P0-WN-00 SEOUL-SZ5-P0-WN-00 Datasheet
1,023Kb / 24P
Applicable for automotive exterior light
logo
WAGO Kontakttechnik Gmb...
2050-391 WAGO-2050-391 Datasheet
76Kb / 2P
End plate; for terminal blocks with snap-in mounting foot; 3.4 mm thick; gray
25.11.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com