Electronic Components Datasheet Search
  English  ▼

X  

CKT Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # CKT
Description  Releasable cable clamp with minimum protrusion on panel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

CKT Datasheet(HTML) 1 Page - KITAGAWA GmbH

  CKT Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Twist Type
Odd-shaped hole
CKT CLAMP / CKT
Features
● Space-saving snap has a very low 1mm protrusion on
the underside of PCB.
● Easy maintenance and recyclable. Snap is detachable
from mounting side with no tools required.
Specification drawing
Material
UL94 V-0
● Nylon 66 (Color:Natural )
Box-structured lock prevents
side slippage at fastening
●
●
Part No.
Panel thickness
Mounting hole size
Std. Package
R8
R13
Bundle diameter
500 pcs.
100 pcs.
FLC-10S
FLC-20S
A
(B)
42.2
59.4
2.4
3.4
6.6
7.6
φ7~14
φ14~22
+0.2
0
φ4.8
0.8~2
C
D
(Unit:mm)
Part No.
Max bundle
diameter
Std. Package
Mounting
hole size
Panel
thickness
Refer to
Specification
drawing
1±0.2
A
23.0
30.0
36.0
B
10.0
12.0
14.0
C
6.0
8.0
10.0
D
10.0±0.1
13.5±0.1
16.5±0.1
100
pcs.
φ5.4
φ6.5
φ10.0
φ14.4
φ17.5
φ20.0
CKT-05 V0
CKT-07 V0
CKT-10 V0
CKT-13 V0
CKT-16 V0
CKT-20 V0
UL
UL
UL
UL
UL
UL
(Unit:mm)
…UL1565 recognized product
UL
●
(
:
)
REUSABLE
1565
8
A
25.4
TWIST
A
C
B
3.8
φ6.2
10.4±0.1
D
φ
3
●
●
●
●
(
:
)
(Unit:mm)
Part No.
G
Mounting hole size
H
Max bundle
diameter
VLC-0810-M4-AM-HT-BK※
φ10
M4 screw hole
(Thread pitch:0.7)
≦1
F
≧φ10
≧7
Std. Package
100 pcs.
VLC-1424-M5-BK
φ17
M5 screw hole
(Thread pitch:0.8)
≦1
≧φ22
E
(6.1)
6.7
D
8
(20.2)
(C)
22.5
27.3
(B)
28.2
42.4
(A)
12.3
14.2
≧8
100 pcs.
F
(C)
6
D
D
(C)
10
※Operating temperature range: -40℃ to +125℃.
Releasable cable clamp with minimum protrusion on panel
55


Similar Part No. - CKT

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CKT MITSUMI-CKT Datasheet
76Kb / 1P
Pressurizing Transformers
logo
Kingtronics Internation...
CKT KINGTRONICS-CKT Datasheet
235Kb / 2P
CKT Chip Tantalum Capacitor - SMD
logo
Wavelength Electronics,...
CKT-203 WAVELENGTH-CKT-203 Datasheet
6Mb / 29P
High Precision Temperature Controller— with IntelliTune®
December 2025
CKT-204 WAVELENGTH-CKT-204 Datasheet
6Mb / 29P
High Precision Temperature Controller— with IntelliTune®
December 2025
More results

Similar Description - CKT

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
CLAMP ON HiTESTER
logo
Glenair, Inc.
IT3057-16AF2 GLENAIR-IT3057-16AF2 Datasheet
249Kb / 1P
Cable Clamp
logo
Grayhill, Inc
50J1066 GRAYHILL-50J1066 Datasheet
1Mb / 4P
Requires Minimum Distance Behind the Panel
logo
List of Unclassifed Man...
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
561-CB037 ETC2-561-CB037 Datasheet
43Kb / 2P
Releasable Clamp on Fin Clip Base
logo
Rosenberger Hochfrequen...
SLCC221-PF20 ROSENBERGER-SLCC221-PF20 Datasheet
106Kb / 2P
Cable Clamp
SLCC111-C05 ROSENBERGER-SLCC111-C05 Datasheet
238Kb / 2P
Cable Clamp
logo
OEN India Limited
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
Releasable Nylon Cable Ties
logo
Pepperl+Fuchs Inc.
FB9286 PF-FB9286 Datasheet
276Kb / 1P
Clamp-on tag
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com