Electronic Components Datasheet Search
  English  ▼

X  

FGS-3S Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # FGS-3S
Description  Screw free fixing spacer is combined with EMC grounding function.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

FGS-3S Datasheet(HTML) 1 Page - KITAGAWA GmbH

  FGS-3S Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
17
14.4
6.2
5.7
10
Plastic portion
Metal portion
Metal portion
4.7
3.9
ⓐ
ⓑ
Screw free fixing spacer is combined with EMC grounding
function.
● Plastic portion / PA66
(Black / UL94V-0)
● Metal portion / Phosphor bronze (Sn plating)
● Grounding at the center of the PC board is easily achieved.
● Suitable for total cost downsizing through high workability and reduction of part numbers.
Feature
Material
FG SPACER
/FGS
Unit:mm
PartNo.
A
(B)
FGS-3S
9.8
20.3
FGS-4S 1
11.4
21.9
FGS-6S
14.4
24.9
FGS-8S
17.7
28.2
FGS-9S
20.0
30.5
Installation specifications
■
ⓐ:Board thickness/t=1.6〜2.0mm
Hole diameter
/φ4.0+0.1
0
mm
■
ⓑ:Board thickness/t=1〜2.0mm
Hole diameter
/φ4.8+0.1
0
mm


Similar Part No. - FGS-3S

ManufacturerPart #DatasheetDescription
logo
Level One
FGS-2800 LVL1-FGS-2800 Datasheet
502Kb / 4P
IEEE 802.1p QoS with 4 priority queues
More results

Similar Description - FGS-3S

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CN015RZ-2001-0 YAMAICHI-CN015RZ-2001-0 Datasheet
180Kb / 2P
Direct Mounting, Screw Fixing SMT Fixing
logo
HARTING Technology Grou...
09-00-000-5603 HARTING-09-00-000-5603 Datasheet
529Kb / 2P
Screw adapter with fixing screw
2021-10-01
09-12-000-9921 HARTING-09-12-000-9921 Datasheet
470Kb / 2P
Han Compact fixing screw
2021-10-01
logo
WAGO Kontakttechnik Gmb...
09-12-000-9921 WAGO-09-12-000-9921 Datasheet
470Kb / 2P
Han Compact fixing screw
2021-10-01
logo
HARTING Technology Grou...
09-16-000-9903 HARTING-09-16-000-9903 Datasheet
460Kb / 1P
Fixing screw M3x10 f. inserts
2021-10-01
logo
SAB North America
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
EMC Grounding Cable Glands
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
EMC Grounding Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
EMC Grounding Cable Glands
logo
FIBOX Enclosing innovat...
4712161 FIBOX-4712161 Datasheet
36Kb / 1P
Mounting screw for spacer
26.07.2023
logo
CONEC Elektronische Bau...
24-011613 CONEC-24-011613 Datasheet
1Mb / 2P
D-SUB HD C-Filter Female 44pos. Solder pin angled 0.350 inch with threaded front spacer, mounting bracket, fixing plate and grounding bracket
13.06.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com