Electronic Components Datasheet Search
  English  ▼

X  

FLC Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # FLC
Description  Adjustable, releasable snap-mount clamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

FLC Datasheet(HTML) 1 Page - KITAGAWA GmbH

  FLC Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREE CLAMP / FLC
●
●
●
(
:
)
Features
● Clamp diameter can be adjusted to wire bundle.
Easy release of cables.
● Dismounted with one hand. Reusable snap is
employed for maintenance and recycling.
Push and
remove, reusable
snap
Part No.
Panel thickness
Mounting hole size
Std. Package
R8
R13
Bundle diameter
500 pcs.
100 pcs.
FLC-10S
FLC-20S
A
(B)
42.2
59.4
2.4
3.4
6.6
7.6
φ7~14
φ14~22
+0.2
0
φ4.8
0.8~2
C
D
(Unit:mm)
Part No.
Max bundle
diameter
Std. Package
Mounting
hole size
Panel
thickness
Refer to
Specification
drawing
1±0.2
A
23.0
30.0
36.0
B
10.0
12.0
14.0
C
6.0
8.0
10.0
D
10.0±0.1
13.5±0.1
16.5±0.1
100
pcs.
φ5.4
φ6.5
φ10.0
φ14.4
φ17.5
φ20.0
CKT-05 V0
CKT-07 V0
CKT-10 V0
CKT-13 V0
CKT-16 V0
CKT-20 V0
(Unit:mm)
…
Push Type
Round hole
PUSH
Material
UL94 V-2
● Nylon 66 (Color:Natural )
1565
REUSABLE
8
A
25.4
A
C
B
3.8
φ6.2
10.4±0.1
D
φ
3
Adjustable, releasable snap-mount clamp
56


Similar Part No. - FLC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FLC MSYSTEM-FLC Datasheet
103Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLC-00-K MSYSTEM-FLC-00-K Datasheet
103Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLC-00-K/Q MSYSTEM-FLC-00-K/Q Datasheet
103Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLC-00-L MSYSTEM-FLC-00-L Datasheet
103Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLC-00-L/Q MSYSTEM-FLC-00-L/Q Datasheet
103Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FLC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
608689 MACOM-608689 Datasheet
36Kb / 1P
NON-RELEASABLE LASHING TIE 20 INCH
logo
List of Unclassifed Man...
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
561-AWC00125 ETC2-561-AWC00125 Datasheet
89Kb / 2P
Releasable Adhesive Backed Wire Clips
561-CB037 ETC2-561-CB037 Datasheet
43Kb / 2P
Releasable Clamp on Fin Clip Base
3F05-1 ETC2-3F05-1 Datasheet
267Kb / 2P
ADJUSTABLE SNAP DISC FAN & LIMIT CONTROLS
logo
PANDUIT CORP.
PRLWP30S-D30 PANDUIT-PRLWP30S-D30 Datasheet
96Kb / 2P
Ladder Style Releasable Wing Push Mount Ties ??Heat Stabilized Nylon 6.6
logo
TE Connectivity Ltd
C-2213301 TEC-C-2213301 Datasheet
688Kb / 3P
CONNECTOR ASSEMBLY, RELEASABLE POKE-IN
logo
OEN India Limited
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
Releasable Nylon Cable Ties
logo
TE Connectivity Ltd
1-1773730-4 TEC-1-1773730-4 Datasheet
2Mb / 5P
Releasable Poke-In Wire Connector
108-32063 TEC-108-32063 Datasheet
415Kb / 5P
Surface Mount Technology (SMT) Releasable Poke-In Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com