Electronic Components Datasheet Search
  English  ▼

X  

OGP-4520 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # OGP-4520
Description  OGP configuration ensures reliable contact
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

OGP-4520 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  OGP-4520 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12
OGP configuration ensures reliable contact
Unit:mm
●
OGP solves contact failure problems caused by solder flux.
●
Better reliability compared with solder.
●
Eliminates continuity failure caused by pattern scraping between a PCB and pogo pins and a PCB
and a metal plate.
●
OGP-2520 is 40 % or more downsized from OGP-4520. (Product size: 2.5 mm)
●
Gold-plated OGP-3216 can be used as a partial.
Feature
●
Base material: Brass Surface treatment: Sn reflow plating※(First plating: Cu plating)
※
Surface treatment for OGP-3216: Au/Ni plating on both sides.
Material
ON-BOARD PLATE/OGP-2520 ,-3216, -4520
OGP-3216
OGP-4520
OGP-2520
2.5


Similar Part No. - OGP-4520

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
OGP KGS-OGP Datasheet
1Mb / 9P
Grounding components, with support for automated mounting on PC board.
More results

Similar Description - OGP-4520

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
Single Configuration / Dual Configuration
logo
Samtec, Inc
ASP-130366-01 SAMTEC-ASP-130366-01 Datasheet
416Kb / 2P
CONTACT CONFIGURATION NOT AVAILABLE AS STANDARD
ASP-133811-02 SAMTEC-ASP-133811-02 Datasheet
376Kb / 2P
CONTACT CONFIGURATION NOT AVAILABLE AS STANDARD
ASP-135020-01 SAMTEC-ASP-135020-01 Datasheet
312Kb / 2P
CONTACT CONFIGURATION NOT AVAILABLE AS STANDARD.
ASP-137968-01 SAMTEC-ASP-137968-01 Datasheet
270Kb / 2P
CONTACT CONFIGURATION NOT AVAILABLE AS STANDARD
logo
FCI connector
HFW10S-2STE1LF FCI-CONNECTOR-HFW10S-2STE1LF Datasheet
602Kb / 7P
HFW_S Documents Configuration (1mm Contact Spacing connector)
logo
3M Electronics
4832-6000-CP 3M-4832-6000-CP Datasheet
392Kb / 4P
Dual leaf, high compression contact provides reliable termination
19-Apr-2011
logo
Ironwood Electronics.
SBT-BGA-6004 IRONWOOD-SBT-BGA-6004 Datasheet
460Kb / 4P
Low and stable contact resistance for reliable production yield
logo
C&K Components
ELUM CK-COMPONENTS-ELUM Datasheet
286Kb / 5P
Reliable self-cleaning contact
logo
PHOENIX CONTACT
1942785 PHOENIX-1942785 Datasheet
123Kb / 4P
Defined contact force ensures that contact remains stable over the long term
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com