Electronic Components Datasheet Search
  English  ▼

X  

OGP Datasheet(PDF) 5 Page - KITAGAWA GmbH

Part # OGP
Description  Grounding components, with support for automated mounting on PC board.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

OGP Datasheet(HTML) 5 Page - KITAGAWA GmbH

  OGP Datasheet HTML 1Page - KITAGAWA GmbH OGP Datasheet HTML 2Page - KITAGAWA GmbH OGP Datasheet HTML 3Page - KITAGAWA GmbH OGP Datasheet HTML 4Page - KITAGAWA GmbH OGP Datasheet HTML 5Page - KITAGAWA GmbH OGP Datasheet HTML 6Page - KITAGAWA GmbH OGP Datasheet HTML 7Page - KITAGAWA GmbH OGP Datasheet HTML 8Page - KITAGAWA GmbH OGP Datasheet HTML 9Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
※Please confirm "Notes for Onboard series" on page 2 prior to purchase.
※The values are measured data for reference, not guaranteed.
OG-450818
3.3
4.5
0.8
Material :Beryllium copper(t=0.12mm)
Surface treatment : Partial Au plating
Recommended height :1.2~1.6mm
0
10
20
30
40
50
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.0
0.5
1.0
1.5
2.0
2.5
Resistance
Compression force
OG-450818
OG-320816
3.2
0.8
0.8
2.2
Material :Phosphor bronze for spring(t=0.12mm)
Surface treatment :Partial Au plating
Recommended height :1.1~1.4mm
OG-320816
0
5
10
15
20
25
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
2
4
6
8
10
Gap
(mm)
Gap
(mm)
Resistance
Compression force
0
10
20
30
40
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.0
0.2
0.4
0.6
0.8
Resistance
Compression force
OG-301012
OG-301012
Material :Phosphor bronze for spring(t=0.08mm)
Surface treatment : Partial Au plating
Recommended height :0.6~1.1mm
0.7
2.7
3
Material :Phosphor bronze for spring(
t=0.1mm)
Surface treatment : Sn reflow plating
Recommended height :0.35mm or less
OG-321605
1
3.2
3.3
Material :Beryllium copper
Recommended height :0.7~0.9mm
OG-160810S
Resistance
Compression force
OG-321605
Gap
(mm)
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
0.15
0.25
0.35
0.45
Gap
(mm)
Gap
(mm)
1.6
1.2
0.65
(0.85)
0.8
0.5
Resistance
Compression force
OG-160810S
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
1.0
0.9
0.8
0.7
0.6
Material :Phosphor bronze for spring(
t=0.1mm)
Surface treatment : Partial Au plating
(Ni Base plating)
Recommended height :0.35mm or less
OG-321605G
1
3.2
3.3
Resistance
Compression force
OG-321605
Gap
(mm)
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
0.15
0.25
0.35
0.45
Surface treatment : Partial Au plating
(Ni Base plating)
Compression force vs Electric resistance
Compression force vs Electric resistance
Unit:mm
ON-BOARD CONTACT
/OG



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com