Electronic Components Datasheet Search
  English  ▼

X  

FCN-P Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # FCN-P
Description  Adhesive-mount clamp with pantograph strip to hold down multiple flat cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

FCN-P Datasheet(HTML) 1 Page - KITAGAWA GmbH

  FCN-P Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
● Pantograph structured strip holds down one to
multiple flat cables securely.
UL94 V-2
● Nylon 66 (Color:Natural )
FLAT CABLE CLAMP / FCN-P
・FCC-M
Features
Material
Adhesive tape mounting
32.0
63.5
77.0
2.6
7.0
16.0
Part No.
(A)
FCN-25P-R
FCN-50P-R
FCC-60M-R
12
15
──
B
47
79
90
C
23
50
76
D
32.0
64.0
78.5
Std. Package
100
pcs.
Max. width
Applicable cable
Max. thickness
(Unit: mm)
B
D
C
Double sided adhesive tape
D
B
C
FCN-P-R
FCC-60M-R
Adhesive-mount clamp with pantograph strip to hold down multiple flat cables
●
●
●
(
:
)
●
●
●
(
:
)
Specification drawing
(Unit:mm)
Part No.
Compatible connector
USB plug size
USBCC-B-YR
Type-B USB connector
Refer to Specification drawing
Std. Package
100 pcs.
(Unit:mm)
Part No.
Compatible connector
USB plug size
USBCC-A-YR
Type-A USB connector
Refer to Specification drawing
Std. Package
100 pcs.
(19.5)
21
9
(30)
(8.8)
7.8
A
B side
USB PLUG TYPE A
6.8~8.0
+0.10
11.8-0.05
(10.3)
USB CONNECTOR TYPE A
PCB
8.88±0.2
0
0.3-0.2
1.5MAX
MOUNTING PLATE
(14.5)
11.5±0.1
8.7±0.1
(31.6)
9
22.6
(21.5)
8
(9)
Double sided
adhesive tape
(12)
10.5±0.1
8±0.1
0.9~1.5
0.3 0-0.2
R0.3
R0.3
PCB
USB connector 2.0 type-B
MOUNTING PLATE
MIN11.75
9.3~10.5
USB 2.0 type-B
※This product is assembled on a USB connector with double-sided adhesive.
 Make sure to press the component firmly onto the connector. Assembled product cannot be reused.
※This product is assembled on a USB connector with double-sided adhesive.
 Make sure to press the component firmly onto the connector. Assembled product cannot be reused.
71


Similar Part No. - FCN-P

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FCN-PD-095-CF DDK-FCN-PD-095-CF Datasheet
365Kb / 6P
FC Type Optical-Fiber Connector
FCN-PD-096-CF DDK-FCN-PD-096-CF Datasheet
365Kb / 6P
FC Type Optical-Fiber Connector
FCN-PD-097-CF DDK-FCN-PD-097-CF Datasheet
365Kb / 6P
FC Type Optical-Fiber Connector
FCN-PD-099-CF DDK-FCN-PD-099-CF Datasheet
365Kb / 6P
FC Type Optical-Fiber Connector
FCN-PS-001-CF DDK-FCN-PS-001-CF Datasheet
365Kb / 6P
FC Type Optical-Fiber Connector
More results

Similar Description - FCN-P

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCLD-780 ADVANTECH-PCLD-780 Datasheet
566Kb / 1P
Screw Terminal Board with Flat Cables
logo
List of Unclassifed Man...
FA28B0121 ETC2-FA28B0121 Datasheet
584Kb / 1P
flat cable clamp - flat cables up to 50-conductor widths
logo
PANDUIT CORP.
A2C12-A-C8 PANDUIT-A2C12-A-C8 Datasheet
88Kb / 1P
Hold cords, cables, and tubing Two rubber adhesive pads for added strength
logo
Mallory performance clu...
PN8010 MALLORY-PN8010 Datasheet
115Kb / 1P
Billet Hold Down Clamp, Ford
PN8110 MALLORY-PN8110 Datasheet
79Kb / 2P
Billet Distributor Hold Down Clamp
logo
Kemet Corporation
ESD-FPD-16 KEMET-ESD-FPD-16 Datasheet
523Kb / 7P
ESD-FPD Series Split Cores with Metal Clamp for Flat Cables for High Frequency (Bare)
ESD-FPD-16-1 KEMET-ESD-FPD-16-1 Datasheet
537Kb / 8P
ESD-FPD-1 Series Split Cores with Plastic Clamp for Flat Cables for High Frequency (Bare)
logo
Wurth Elektronik GmbH &...
63911655721 WURTH-63911655721 Datasheet
412Kb / 5P
WR-CAB Ribbon Flat Cables
001.000
63912455721CAB WURTH-63912455721CAB Datasheet
329Kb / 5P
WR-CAB Ribbon Flat Cables
001.000
63915055721CAB WURTH-63915055721CAB Datasheet
329Kb / 5P
WR-CAB Ribbon Flat Cables
001.000
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com