Electronic Components Datasheet Search
  English  ▼

X  

NJM2575 Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # NJM2575
Description  LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJM2575 Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  NJM2575 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJM2575 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJM2575 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJM2575 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJM2575 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJM2575 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJM2575 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJM2575 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJM2575 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
- 2 -
NJM2575
Ver.2026-05-01
■Voltage Gain Valuation
Voltage Gain
Part No.
6.4dB
NJM2561
6.0dB
NJM2561B
12.4dB
NJM2562
16.5dB
NJM2563
9.0dB
NJM2571A
■Output DC - coupling Valuation
Supply Voltage
Part No.
2.8 to 5.5V
NJM2561F1A
(Screening product)
2.8 to 5.5V
NJM2561B
4.5 to 5.5V
NJM41031
■PIN CONFIGURATION
PIN NO.
SYMBOL
DESCRIPTION
1
Power Save
Power Save Terminal
2
Vout
Video Signal Output Terminal
3
Vsag
SAG correction Terminal
4
Vin
Video Signal Input Terminal
5
GND
GND Terminal
6
V+
Power Supply Terminal
■MARK INFORMATION
■ORDERING INFORMATION
PART NUMBER
PACKAGE
OUTLINE
RoHS
HALOGEN-
FREE
TERMINAL
FINISH
MARKING
WEIGHT
(mg)
Quantity
(pcs/reel)
NJM2575F1
SOT-23-6-1
YES
-
Sn-2Bi
A1
15.0
3,000
■Supply Voltage Valuation
Supply Voltage
Part No.
2.6 to 5.5V
NJM2561A
■Operating Temperature Range Valuation
Operating Temperature Range
Part No.
-40 to 105
°C
NJM2561F1-T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com