Electronic Components Datasheet Search
  English  ▼

X  

A28000-015 Datasheet(PDF) 1 Page - Omnetics Connector Corp.

Part # A28000-015
Description  PIN MALE Bi-Lobe® CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.

A28000-015 Datasheet(HTML) 1 Page - Omnetics Connector Corp.

  A28000-015 Datasheet HTML 1Page - Omnetics Connector Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E
Z
I
S
L
A
U
T
C
A
H
T
G
N
E
L
E
R
I
W
G
N
I
D
U
L
C
X
E
A
-
A
N
O
I
T
C
E
S
E
R
A
W
D
R
A
H
S
S
E
L
W
E
I
V
5
9
0
.
1
4
.
2
5
2
1
.
8
1
.
3
0
1
2
.
3
3
.
5
5
0
1
.
7
6
.
2
)
8
3
-
7
(
G
W
A
0
3
D
E
D
O
C
R
O
L
O
C
,
E
F
T
P
0
0
.
8
1
-0
0
.
+8
3
.
2
.
7
5
4
0
+7
.
9
0
5
4
.
3
4
.
1
1
0
8
0
.
3
0
.
2
5
2
.X
A
M
2
.
6X
A
M
A
A
5
4
3
.
6
7
.
8
5
7
5
0
.
1
6
4
.
1
5
3
2
.
7
9
.
5
5
2
1
0
.
8
1
3
.
0
0
4
0
.
2
0
.
1
18
5
1
9
X
2A
2
-
F
N
U
0
8
-
0
#
E
L
G
N
A
D
R
I
H
T
:
G
N
I
S
U
O
H
:
R
O
T
A
L
U
S
N
I
:
T
C
A
T
N
O
C
:
E
R
I
W
:
E
R
A
W
D
R
A
H
:
G
N
I
T
A
R
T
N
E
R
R
U
C
:
E
C
N
A
T
S
I
S
E
R
T
C
A
T
N
O
C
:
E
C
N
A
M
R
O
F
R
E
P
#
N
I
PR
O
L
O
C
1
1
,
1K
C
A
L
B
2
1
,
2N
W
O
R
B
3
1
,
3D
E
R
4
1
,
4E
G
N
A
R
O
5
1
,
5W
O
L
L
E
Y
6N
E
E
R
G
7E
U
L
B
8T
E
L
O
I
V
9Y
A
R
G
0
1E
T
I
H
W
E
L
A
M
N
I
P
)
5
1
(
-
R
O
T
C
E
N
N
O
C
®
e
b
o
L
-
i
B
5
1
0
-
0
0
0
8
2
A
Y
L
N
O
E
S
U
L
A
N
R
E
T
N
I
A
S
I
2
F
O
2
T
E
E
H
S
M
A
R
G
A
I
D
G
N
I
D
A
O
L
G
F
M
E
T
A
L
P
L
E
K
C
I
N
,
6
T
-
1
6
0
6
M
U
N
I
M
U
L
A
4
0
4
2
-
S
M
A
-
E
A
S
R
E
P
R
E
P
)
P
C
L
(
R
E
M
Y
L
O
P
L
A
T
S
Y
R
C
D
I
U
Q
I
L
8
3
1
5
D
M
T
S
A
,
4
9
1
B
M
T
S
A
R
E
P
R
E
P
P
O
C
M
U
I
L
L
Y
R
E
B
M
T
S
A
R
E
P
D
E
T
A
L
P
D
L
O
G
,
0
0
2
7
1
C
,
C
E
D
O
C
I
I
E
P
Y
T
)
D
L
O
G
D
R
A
H
(
,
8
8
4
B
7
2
.
1
S
S
A
L
C
D
E
D
O
C
R
O
L
O
C
,
T
E
E
P
Y
T
3
P
H
A
M
E
N
G
N
I
S
U
,
1
M
E
T
S
Y
S
,
1
8
6
-
D
T
S
-
L
I
M
W
A
I
S
R
O
L
O
C
G
N
I
T
A
E
P
E
R
D
I
L
O
S
N
E
T
2
8
5
M
T
S
A
R
E
P
L
E
E
T
S
S
S
E
L
N
I
A
T
S
3
0
3
9
3
1
2
3
-
L
T
D
-
L
I
M
R
E
P
X
A
M
P
M
A
1
)
X
A
M
P
O
R
D
V
m
1
7
(
X
A
M
M
H
O
I
L
L
I
M
1
7
9
3
1
2
3
-
L
T
D
-
L
I
M
R
E
P
S
P
M
A
0
.
1
@
D
N
A
O
T
D
E
T
S
E
T
Y
L
I
M
A
F
T
C
U
D
O
R
P
E
C
N
A
M
R
O
F
R
E
P
E
H
T
D
E
S
S
A
P
F
O
I
I
I
V
E
L
B
A
T
F
O
S
N
O
I
T
A
C
I
F
I
C
E
P
S
9
3
1
2
3
-
L
T
D
-
L
I
M
G
3
7
8
1
6
S
N
O
I
T
A
C
I
F
I
C
E
P
S
&
S
L
A
I
R
E
T
A
M
C
E
D
L
P
2
C
E
D
L
P
3
C
E
D
L
P
4
S
E
L
G
N
A
1
0
.
5
0
0
.
5
0
0
0
.
1
N
O
I
T
A
R
O
P
R
O
C
R
O
T
C
E
N
N
O
C
D
E
T
O
N
E
S
I
W
R
E
H
T
O
S
S
E
L
N
U
E
T
A
D
E
T
A
D
E
T
A
D
S
E
H
C
N
I
N
I
S
N
O
I
S
N
E
M
I
D
F
O
Y
T
R
E
P
O
R
P
E
H
T
S
I
H
C
I
H
W
N
O
I
T
A
M
R
O
F
N
I
Y
R
A
T
E
I
R
P
O
R
P
D
N
A
L
A
I
T
N
E
D
I
F
N
O
C
S
N
I
A
T
N
O
C
G
N
I
W
A
R
D
S
I
H
T
R
O
,
D
E
T
A
C
I
L
P
U
D
E
B
,
T
R
A
P
N
I
R
O
E
L
O
H
W
N
I
,
T
O
N
Y
A
M
T
N
E
M
U
C
O
D
S
I
H
T
.
P
R
O
C
R
O
T
C
E
N
N
O
C
S
C
I
T
E
N
M
O
.
P
R
O
C
R
O
T
C
E
N
N
O
C
S
C
I
T
E
N
M
O
M
O
R
F
N
O
I
S
S
I
M
R
E
P
N
E
T
T
I
R
W
T
U
O
H
T
I
W
,
E
S
O
P
R
U
P
Y
N
A
R
O
F
D
E
S
O
L
C
S
I
D
.
O
N
T
R
A
P
V
E
RO
C
E
E
T
A
DP
P
A
V
E
R
:
E
L
T
I
T
-
S
E
C
N
A
R
E
L
O
T
-
1
:
4
:
E
L
A
C
S
2
F
O
1
T
E
E
H
S
.
O
N
G
W
D
S
A
A
.
M
T
F
D
.
D
'
K
H
C
.
D
'
P
P
A
4
0
-
5
0
-
5
0
E
D
O
C
E
G
A
C
G6
2
5
1
0
1M
L
T
5
1
-
4
2
-
4
0
T
S
A
E
E
L
C
R
I
C
E
C
R
E
M
M
O
C
0
6
2
7
2
3
4
5
5
N
M
,
S
I
L
O
P
A
E
N
N
I
M
M
O
C
.
S
C
I
T
E
N
M
O
.
W
W
W
5
1
0
-
0
0
0
8
2
A
O
S
C
I
T
E
N
M


Similar Part No. - A28000-015

ManufacturerPart #DatasheetDescription
logo
Omnetics Connector Corp...
A28000-009 OMNETICS-A28000-009 Datasheet
115Kb / 1P
PIN MALE Bi-Lobe® CONNECTOR
04-24-15
A28000-021 OMNETICS-A28000-021 Datasheet
142Kb / 1P
PIN MALE Bi-Lobe® CONNECTOR
04-24-15
A28000-025 OMNETICS-A28000-025 Datasheet
151Kb / 1P
PIN MALE Bi-Lobe® CONNECTOR
04-24-15
A28000-031 OMNETICS-A28000-031 Datasheet
166Kb / 1P
PIN MALE Bi-Lobe® CONNECTOR
04-24-15
A28000-037 OMNETICS-A28000-037 Datasheet
180Kb / 1P
PIN MALE Bi-Lobe® CONNECTOR
04-24-15
More results

Similar Description - A28000-015

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
155-1397 GILWAY-155-1397 Datasheet
63Kb / 1P
H127 Bi-Pin Teflon Holder
H714 GILWAY-H714 Datasheet
63Kb / 1P
Holders for Miniature Bi-Pin Lamps
logo
Chicago Miniature Lamp,...
CM7272 CML-CM7272 Datasheet
219Kb / 1P
T-1 Bi-Pin Base (.050)
logo
Visual Communications C...
CM7272 VCC-CM7272 Datasheet
33Kb / 1P
Bi-Pin Base
logo
Laird Tech Smart Techno...
J23014V00-120N LSTD-J23014V00-120N Datasheet
420Kb / 1P
Extraordinary low side lobe performance
logo
List of Unclassifed Man...
DIN34827FL ETC-DIN34827FL Datasheet
97Kb / 1P
Hexalobular (6 Lobe) socket set screws
logo
Omnetics Connector Corp...
A40838-015 OMNETICS-A40838-015 Datasheet
472Kb / 1P
(15) PIN MALE/FEMALE Bi-Lobe® CONNECTOR SAVER
Rev. A
A40838-021 OMNETICS-A40838-021 Datasheet
512Kb / 1P
(21) PIN MALE/FEMALE Bi-Lobe® CONNECTOR SAVER
Rev. A
A40838-051 OMNETICS-A40838-051 Datasheet
637Kb / 1P
(51) PIN MALE/FEMALE Bi-Lobe® CONNECTOR SAVER
Rev. A
logo
Lapp.
10019000 LAPP-10019000 Datasheet
176Kb / 2P
EPIC® CODING PIN
29.08.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com