Electronic Components Datasheet Search
  English  ▼

X  

CEP720B Datasheet(PDF) 2 Page - Clarke International

Part # CEP720B
Description  82MM ELECTRIC PLANER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CEP720B Datasheet(HTML) 2 Page - Clarke International

  CEP720B Datasheet HTML 1Page - Clarke International CEP720B Datasheet HTML 2Page - Clarke International CEP720B Datasheet HTML 3Page - Clarke International CEP720B Datasheet HTML 4Page - Clarke International CEP720B Datasheet HTML 5Page - Clarke International CEP720B Datasheet HTML 6Page - Clarke International CEP720B Datasheet HTML 7Page - Clarke International CEP720B Datasheet HTML 8Page - Clarke International CEP720B Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for selecting this Clarke 82mm Electric Planer.
The electric planer is intended for removing surface material with a rotating
blade that is parallel to the base plate.
Before using the device, please read this manual thoroughly and carefully
follow all instructions given. This is for your own safety and that of others around
you, and is also to help you achieve a long and trouble free service from your
new tool.
GUARANTEE
The product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Your receipt is required as proof of
purchase.
This guarantee is invalid if the product is found to have been abused,
tampered with, or not used for the purpose for which it was intended.
Faulty goods must be returned to their place of purchase, do not return it to us
without prior permission.
This guarantee does not effect your statutory rights.
ENVIRONMENTAL RECYCLING POLICY
Through purchase of this product, the customer is taking on the
obligation to deal with the WEEE in accordance with the WEEE
regulations in relation to the treatment, recycling & recovery and
environmentally sound disposal of the WEEE.
In effect, this means that this product must not be disposed of with general
household waste. It must be disposed of according to the laws governing
Waste Electrical and Electronic Equipment (WEEE) at a recognised disposal
facility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com