Electronic Components Datasheet Search
  English  ▼

X  

CON320 Datasheet(PDF) 9 Page - Clarke International

Part # CON320
Description  ORBITAL SANDER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON320 Datasheet(HTML) 9 Page - Clarke International

Back Button CON320 Datasheet HTML 4Page - Clarke International CON320 Datasheet HTML 5Page - Clarke International CON320 Datasheet HTML 6Page - Clarke International CON320 Datasheet HTML 7Page - Clarke International CON320 Datasheet HTML 8Page - Clarke International CON320 Datasheet HTML 9Page - Clarke International CON320 Datasheet HTML 10Page - Clarke International CON320 Datasheet HTML 11Page - Clarke International CON320 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
STARTING & STOPPING THE SANDER
1. Ensure the sander is switched OFF
before plugging into the power
supply.
2. Switch the machine ON or OFF by
pressing the rocker switch.
3. Lock the switch in the ON position
if required by pressing in the
trigger lock button on the side of
the handle.
OPERATING TECHNIQUE
1. Select the operating speed
appropriate to the job in hand.
The speed required will be
dependant on the material and
will be determined by a practical
trial. Speeds are stated in the
specification.
2. Also select the abrasive grade
appropriate to the task.
3. Always hold the sander securely.
4. Regularly check the condition of the sanding sheet and replace it when
necessary.
5. On very uneven surfaces or when removing layers of paint, start with a
coarse grit. On other surfaces, start with a medium grit. In both cases,
gradually change to a fine grit for a smooth final finish.
6. Always use a sanding sheet that is in top condition, damaged backing will
cause damage to the base plate surface. Please note that base plates are
NOT covered by the warranty.
7. Always place the sander on the workpiece before switching ON. This will
prevent the workpiece from being scored by the edge of a moving
sanding sheet.
8. Move the sander evenly over the surface of the workpiece with light
pressure. This helps to expel dust particles and produce an even finish and
will also prolong the life of the sanding sheet.
9. Let the sander do the work ensuring the sander is flat on the work surface.
DO NOT apply heavy pressure as this will not only produce an uneven finish
but will overload the motor causing it to burn out.
10. Wait until the sander has stopped completely before putting it down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com