Electronic Components Datasheet Search
  English  ▼

X  

COS210 Datasheet(PDF) 9 Page - Clarke International

Part # COS210
Description  ORBITAL SANDER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

COS210 Datasheet(HTML) 9 Page - Clarke International

Back Button COS210 Datasheet HTML 4Page - Clarke International COS210 Datasheet HTML 5Page - Clarke International COS210 Datasheet HTML 6Page - Clarke International COS210 Datasheet HTML 7Page - Clarke International COS210 Datasheet HTML 8Page - Clarke International COS210 Datasheet HTML 9Page - Clarke International COS210 Datasheet HTML 10Page - Clarke International COS210 Datasheet HTML 11Page - Clarke International COS210 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
STARTING & STOPPING THE SANDER
Ensure the sander is switched OFF
before plugging into the power
supply.
1. Ensure the sander is switched OFF
before plugging into the power
supply.
2. Switch the machine ON or OFF by
sliding the switch forward and
backward.
OPERATING TECHNIQUE
1. Select the operating speed
appropriate to the job in hand.
The speed required will be
dependant on the material and
will be determined by a practical
trial.
• Speeds are stated in the
specification.
2. Always hold the sander securely.
3. Regularly check the condition of
the sanding sheet and replace it when necessary.
4. On very uneven surfaces or when removing layers of paint, start with a
coarse grit. On other surfaces, start with a medium grit. In both cases,
gradually change to a fine grit for a smooth finish.
5. Always use sanding sheet that is in top condition, as damaged sheets will
cause damage to the baseplate. Please note, that baseplates are NOT
covered by the warranty.
6. Always place the sander on the workpiece before switching ON to prevent
the workpiece from being badly scored by the edge of the moving
abrasive.
7. Move the sander evenly and smoothly over the surface of the workpiece
with only light, even pressure. This helps to expel dust particles and produce
an even finish and will also prolong the life of the sanding sheet.
8. Let the sander do the work and ensure the sander is flat on the work
surface. Never apply heavy pressure as this will not only produce an
uneven finish but will overload the motor causing it to burn out.
9. Be cautious when sanding the end of a workpiece as the sheet could
come off the baseplate and damage it in the process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com