Electronic Components Datasheet Search
  English  ▼

X  

STP16DP05MTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP16DP05MTR
Description  Low voltage 16-bit constant current LED sink driver with outputs error detection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DP05MTR Datasheet(HTML) 4 Page - STMicroelectronics

  STP16DP05MTR Datasheet HTML 1Page - STMicroelectronics STP16DP05MTR Datasheet HTML 2Page - STMicroelectronics STP16DP05MTR Datasheet HTML 3Page - STMicroelectronics STP16DP05MTR Datasheet HTML 4Page - STMicroelectronics STP16DP05MTR Datasheet HTML 5Page - STMicroelectronics STP16DP05MTR Datasheet HTML 6Page - STMicroelectronics STP16DP05MTR Datasheet HTML 7Page - STMicroelectronics STP16DP05MTR Datasheet HTML 8Page - STMicroelectronics STP16DP05MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Electrical ratings
STP16DP05
4/29
2
Electrical ratings
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
2.2
Thermal data
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
0 to 7
V
VO
Output voltage
-0.5 to 20
V
IO
Output current
100
mA
VI
Input voltage
-0.4 to VDD
V
IGND
GND terminal current
1600
mA
fCLK
Clock frequency
50
MHz
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
TOPR
Operating temperature range
-40 to +125
°C
TSTG
Storage temperature range
-55 to +150
°C
RthJC
Thermal resistance junction-case
SO-24
60
°C/W
TSSOP24
85
°C/W
TSSOP24(1)
Exposed Pad
1.
The exposed pad should be soldered directly to the PCB to realize the thermal benefits.
37.5
°C/W
QSOP-24
72
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com