Electronic Components Datasheet Search
  English  ▼

X  

STP16DP05PTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STP16DP05PTR
Description  Low voltage 16-bit constant current LED sink driver with outputs error detection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DP05PTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STP16DP05PTR Datasheet HTML 20Page - STMicroelectronics STP16DP05PTR Datasheet HTML 21Page - STMicroelectronics STP16DP05PTR Datasheet HTML 22Page - STMicroelectronics STP16DP05PTR Datasheet HTML 23Page - STMicroelectronics STP16DP05PTR Datasheet HTML 24Page - STMicroelectronics STP16DP05PTR Datasheet HTML 25Page - STMicroelectronics STP16DP05PTR Datasheet HTML 26Page - STMicroelectronics STP16DP05PTR Datasheet HTML 27Page - STMicroelectronics STP16DP05PTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Package mechanical data
STP16DP05
24/29
Table 16.
Tape and reel TSSOP24
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.8
7
0.268
0.276
Bo
8.2
8.4
0.323
0.331
Ko
1.7
1.9
0.067
0.075
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Figure 23. Reel dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29