Electronic Components Datasheet Search
  English  ▼

X  

TH58NVG2D4 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TH58NVG2D4
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TH58NVG2D4 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TH58NVG2D4 Datasheet HTML 15Page - STMicroelectronics TH58NVG2D4 Datasheet HTML 16Page - STMicroelectronics TH58NVG2D4 Datasheet HTML 17Page - STMicroelectronics TH58NVG2D4 Datasheet HTML 18Page - STMicroelectronics TH58NVG2D4 Datasheet HTML 19Page - STMicroelectronics TH58NVG2D4 Datasheet HTML 20Page - STMicroelectronics TH58NVG2D4 Datasheet HTML 21Page - STMicroelectronics TH58NVG2D4 Datasheet HTML 22Page - STMicroelectronics TH58NVG2D4 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
ST72681
Electrical characteristics
19/32
7.5
Clock and timing characteristics
Subject to general operating conditions for VDD33, fOSC, and TA.
7.5.1
General timings
7.5.2
Crystal oscillator
The ST72681 internal clock is supplied from a crystal oscillator. All the information given in
this paragraph are based on characterization results with specified typical external
components. In the application the load capacitors have to be placed as close as possible to
the oscillator pins in order to minimize output distortion and start-up stabilization time. Refer
to the crystal manufacturer for more details (frequency, package, accuracy...).
Figure 7.
Typical application with a crystal oscillator
1.
Depending on the crystal oscillator power dissipation, a serial resistor RsOscout may be added. Refer to the
crystal oscillator manufacturer for more details.
Table 13.
General timing characteristics
Symbol
Parameter
Conditions
Min.
Typ. (1)
1.
Data based on typical application software.
Max.
Unit
tc(INST) Instruction cycle time
23
12
tCPU
fCPU = 15 MHz
133
200
800
ns
tv(IT)
Interrupt reaction time (2)
tv(IT) = Δtc(INST) + 10
2.
Time measured between interrupt event and interrupt vector fetch.
Δtc(INST) is the number of tCPU cycles
required to finish executing the current instruction.
10
22
tCPU
fCPU = 12 MHz
0.666
1.466
µs
Table 14.
Crystal oscillator characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fOSC
Oscillator frequency
12
MHz
CKACC
Total crystal oscillator accuracy abs. value + temp + aging
±60
ppm
αOSC
Crystal oscillator duty cycle (1)
1.
The crystal oscillator duty cycle has to be adjusted through the two CL capacitors. Refer to the crystal
manufacturer for more details.
45
50
55
%
Table 15.
Typical CL and RS values by crystal oscillator
Supplier
Typical crystal oscillator
CL (pF)
RsOscout (Ω)
NDK
AT51 or AT41
16
560
OSCOUT
OSCIN
CL
CL
Device
CRYSTAL
RsOscout
(1)
VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com