Electronic Components Datasheet Search
  English  ▼

X  

6502149 Datasheet(PDF) 3 Page - Clarke International

Part # 6502149
Description  225MM LONG REACH DRYWALL SANDER (110V)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6502149 Datasheet(HTML) 3 Page - Clarke International

  6502149 Datasheet HTML 1Page - Clarke International 6502149 Datasheet HTML 2Page - Clarke International 6502149 Datasheet HTML 3Page - Clarke International 6502149 Datasheet HTML 4Page - Clarke International 6502149 Datasheet HTML 5Page - Clarke International 6502149 Datasheet HTML 6Page - Clarke International 6502149 Datasheet HTML 7Page - Clarke International 6502149 Datasheet HTML 8Page - Clarke International 6502149 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATION
SAFETY SYMBOLS
Electrical Supply
110V 50Hz 1 ph
Power rating
750 Watt
Fuse rating
N/A
No Load Speed (variable)
800 - 1750 rpm
Net Weight
4.1 kg
Disc Sanding Size
225 mm
Sanding Discs
Aluminium Oxide (P80, P100, P120, P150,
P180, P240)
IP Rating
IP20
Dust Extract Diameter
32mm(Internal), 38mm(External)
Sound Power
102 dB Lwa (Uncertainty Factor, K: 3 dB)
Vibration Emissions
3.95 m/s2 / uncertainty value (k) =1.5 m/s2
Dimensions: Folded (LxWxD)
690mm x 269mm x 180mm
Dimensions: Min. (LxWxD)
1440mm x 269mm x 180mm
Dimensions: Max. (LxWxD)
1700mm x 269mm x 180mm
Read instruction
manual before use
Wear dust mask
Class 2 Double
Insulated
Wear ear defenders
WEEE Directive
Wear safety glasses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com