Electronic Components Datasheet Search
  English  ▼

X  

CROS3 Datasheet(PDF) 2 Page - Clarke International

Part # CROS3
Description  RANDOM ORBITAL SANDER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CROS3 Datasheet(HTML) 2 Page - Clarke International

  CROS3 Datasheet HTML 1Page - Clarke International CROS3 Datasheet HTML 2Page - Clarke International CROS3 Datasheet HTML 3Page - Clarke International CROS3 Datasheet HTML 4Page - Clarke International CROS3 Datasheet HTML 5Page - Clarke International CROS3 Datasheet HTML 6Page - Clarke International CROS3 Datasheet HTML 7Page - Clarke International CROS3 Datasheet HTML 8Page - Clarke International CROS3 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Sander, which is designed for DIY and
light workshop use only.
Read all safety warnings, instructions, illustrations and specifications provided
with this power tool. In doing so you will ensure the safety of yourself and that
of others around you, and you can look forward to your purchase giving you
long and satisfactory service. Failure to follow all instructions listed may result in
electric shock, fire and/or serious injury.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission.
This guarantee does not effect your statutory rights.
SPECIFICATIONS
Electrical Supply
230V 50Hz 1 ph
Power rating
450 Watt
Fuse rating
5 Amp
No Load Speed (variable)
7000 - 14000 rpm
Net Weight
2.6 kg
Disc Size
125 mm
Sound Pressure
81.7 dB (A)
Sound Power
92.7 dB LpA
Vibration Emissions
4.596 m/s2 / uncertainty value (k) =1.5 m/s2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com