Electronic Components Datasheet Search
  English  ▼

X  

CON180 Datasheet(PDF) 8 Page - Clarke International

Part # CON180
Description  SANDER/POLISHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON180 Datasheet(HTML) 8 Page - Clarke International

Back Button CON180 Datasheet HTML 4Page - Clarke International CON180 Datasheet HTML 5Page - Clarke International CON180 Datasheet HTML 6Page - Clarke International CON180 Datasheet HTML 7Page - Clarke International CON180 Datasheet HTML 8Page - Clarke International CON180 Datasheet HTML 9Page - Clarke International CON180 Datasheet HTML 10Page - Clarke International CON180 Datasheet HTML 11Page - Clarke International CON180 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
BEFORE USE
FITTING THE HANDLE
The handle is recessed to fit onto the
machine is not adjustable, but can
be fitted for left or right handed use.
1. Slot the handle onto the body of
the machine, locating the lugs
into the recesses in the machine
body.
2. When the handle is in position,
secure in position with the two hex
screws supplied. Tighten using the
hex key supplied. DO NOT overtighten.
FITTING THE BACKING PAD
1. Screw the backing disc onto the
spindle.
2. Press and hold the spindle lock
button and tighten the pad hand
tight in a clockwise direction.
• Either the polishing bonnet or a
sanding disc can be fitted. See
below.
IMPORTANT: Never press the spindle
lock button while the motor is
running. Failure to observe this instruction can cause internal damage or
lead to personal injury.
ATTACHING BONNETS AND SANDING DISCS
Align the bonnet or sanding disc carefully with the appropriate backing pad,
pressing down to ensure a good grip.
Always ensure that the backing pad is clean as a build up of dust & debris can
result in damage to the hooks and loops.
WARNING: MAKE SURE THAT THE TOOL IS SWITCHED OFF AND
UNPLUGGED FROM THE MAINS SUPPLY BEFORE FITTING OR REMOVING
THE HANDLE OR BACKING PAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com