Electronic Components Datasheet Search
  English  ▼

X  

CON185B Datasheet(PDF) 13 Page - Clarke International

Part # CON185B
Description  185MM CIRCULAR SAW WITH LASER GUIDE (230V)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON185B Datasheet(HTML) 13 Page - Clarke International

Back Button CON185B Datasheet HTML 9Page - Clarke International CON185B Datasheet HTML 10Page - Clarke International CON185B Datasheet HTML 11Page - Clarke International CON185B Datasheet HTML 12Page - Clarke International CON185B Datasheet HTML 13Page - Clarke International CON185B Datasheet HTML 14Page - Clarke International CON185B Datasheet HTML 15Page - Clarke International CON185B Datasheet HTML 16Page - Clarke International CON185B Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION & USE
CORRECT HAND POSITION
For your own safety, always hold the
circular saw as shown in this picture,
with your right hand on the main
handle and your left hand on the
auxiliary handle.
SWITCHING ON/OFF
The on/off trigger is fitted with a safety button which prevents the circular saw
from being started accidentally. To start the saw:
1. Press and hold the safety button.
2. Squeeze the on/off trigger at the
same time.
3. Release the on/off trigger to stop
the saw.
4. The blade will continue to rotate
for several seconds after the
trigger has been released.
GUIDING THE CIRCULAR SAW
To achieve optimal results:
• Clamp the workpiece upside
down to minimise breakout.
• Follow the cut line drawn on
the workpiece using the 0 mark
(90o to the horizontal).
• If cutting a bevel angle of 45o,
follow the cut line drawn on the
workpiece using the 45 mark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com