Electronic Components Datasheet Search
  English  ▼

X  

CON18LIC Datasheet(PDF) 13 Page - Clarke International

Part # CON18LIC
Description  18V CORDLESS DRILL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON18LIC Datasheet(HTML) 13 Page - Clarke International

Back Button CON18LIC Datasheet HTML 8Page - Clarke International CON18LIC Datasheet HTML 9Page - Clarke International CON18LIC Datasheet HTML 10Page - Clarke International CON18LIC Datasheet HTML 11Page - Clarke International CON18LIC Datasheet HTML 12Page - Clarke International CON18LIC Datasheet HTML 13Page - Clarke International CON18LIC Datasheet HTML 14Page - Clarke International CON18LIC Datasheet HTML 15Page - Clarke International CON18LIC Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SCREWDRIVING TIPS
• Place the screwdriver bit in the head of the screw and apply light
pressure to the drill.
• If the screw head is not flush with the material, increase the torque
and start again.
• Make sure that the screwdriver bit is inserted straight and upright in
the screw head, or the screw may be damaged.
• When driving wood screws, pre-drill pilot holes to make driving easier
and to prevent splitting the material.
• Select the forward direction to drive screws in and reverse direction
to take them out.
• Ensure that the screwdriver bit used is the correct fit for the screw.
MAINTENANCE AND SERVICING
• After use, remove the drill or screwdriver bit, open the chuck jaws
and tap the side of the chuck to remove any dust, or chippings etc.
• Keep the cooling vents clear.
• Clean the motor housing with a soft cloth.
• Keep the handle clean and free from oil and grease.
• Keep the charger clean and free from dust and grease.
• Worn or damaged parts must be replaced by qualified personnel.
• There are no user serviceable parts inside the drill.
WARNING: ALWAYS REMEMBER TO POSITION THE DIRECTION CONTROL
SWITCH IN THE CENTRAL LOCKED OFF POSITION AND REMOVE THE
BATTERY PACK, BEFORE CLEANING THE DRILL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com