Electronic Components Datasheet Search
  English  ▼

X  

ACTJ206SMX Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTJ206SMX
Description  miniature surface mount Watch Crystal in a cylindrical
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTJ206SMX Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTJ206SMX Datasheet HTML 1Page - Advanced Crystal Technology ACTJ206SMX Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACTJ206SMX ( S / L / N )
Parameter
Symbol
Specification
condition
J206L/J206S
J206N
Nominal Frequency
fo
Frequency Tolerance
Δf/fo
@25°C
Frequency v Temperature
Δf/fo
Turnover Temperature
Tm
Temperature Coefficient
β
Temp Operating Range
Topr
Temp Storage Range
Tstg
-40 ~ +85°C
-50~+125°C
Equivalent Series Resistance
ESR
50K
Ω max
55K
Ω max
Load Capacitance
CL
Shunt Capacitance
C0
1.6pF Typical
0.9pF Typical
Drive Level
DL
Insulation Resistance
IR
Aging
Fa
±5ppm max
±3ppm max
First year, 25°C ±3°C
Reflow
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
The ACTJ206SMX is a miniature surface mount Watch Crystal in a cylindrical package offering high
vibration and shock resistance together with high stability. The cylinder is enclosed in a squared outer
case to assist with ease of handling. It is very suitable for portable equipment and close packing density
requirements. There are two preformed lead versions, 'S' & 'L' and a smaller version 'N', please refer to
'Dimensions'.
The product is available taped and reeled on 3000 piece reels for S or L versions and 5000 piece reels
for N versions. Please specify 'S' , 'L' or 'N' version when ordering.
Specification
For quotations or further information please contact us at:
±20ppm
Please refer to page 2
25°C ±5°C
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
-0.037ppm/ °C² Typ
-40 ~ +85°C
12.5pF
1
μ W max
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
ISO9001:2000 Registered
32.768KHz
500M
Ω @ 100VDC min
Please refer to page 2
Customer to specify : 'S' , 'L' or 'N' version when ordering.
Please note that all parameters can not necessarily be specified in the same device
Issue: 2 M4B
Date: 23/03/07
1 of 2


Similar Part No. - ACTJ206SMX

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTJ206SMX ACT-ACTJ206SMX_12 Datasheet
183Kb / 3P
miniature surface mount Watch Crystal in a cylindrical
31-05-2012
More results

Similar Description - ACTJ206SMX

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT2X6HRSMX ACT-ACT2X6HRSMX Datasheet
185Kb / 2P
a miniature surface mount Watch
10/10/06
ACT2X6LCSMX ACT-ACT2X6LCSMX Datasheet
146Kb / 1P
a miniature surface mount Watch
11/04/06
ACT90 ACT-ACT90 Datasheet
290Kb / 4P
miniature surface mount Watch Crystal
16/06/05
ACT201 ACT-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal
17/08/04
logo
Fox Electronics
FSP FOX-FSP Datasheet
78Kb / 1P
ULTRA MINIATURE SURFACE MOUNT WATCH CRYSTAL
logo
Advanced Crystal Techno...
ACT3215A ACT-ACT3215A_12 Datasheet
212Kb / 3P
miniature surface mount high density Watch Crystal
23/07/2012
ACTJ206SMX ACT-ACTJ206SMX_12 Datasheet
183Kb / 3P
miniature surface mount Watch Crystal in a cylindrical
31-05-2012
logo
Abracon Corporation
AB26TRB ABRACON-AB26TRB_15 Datasheet
925Kb / 3P
CYLINDRICAL WATCH CRYSTAL
04.24.13
logo
Suntsu Electronics, Inc...
SWT622 SUNTSU-SWT622 Datasheet
140Kb / 1P
Cylindrical Watch Crystal
SWT832 SUNTSU-SWT832 Datasheet
196Kb / 1P
Cylindrical Watch Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com