Electronic Components Datasheet Search
  English  ▼

X  

1728000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1728000000
Description  S2L 3.5/16/90G 3.5AU OR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1728000000 Datasheet(HTML) 4 Page - Weidmuller

  1728000000 Datasheet HTML 1Page - Weidmuller 1728000000 Datasheet HTML 2Page - Weidmuller 1728000000 Datasheet HTML 3Page - Weidmuller 1728000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) 2-row | Solder-
connection pin headers | S2L 3.5/90 | S2L 3.5/90G
- 4 -
1755430000
S2L 3.5/20/90G 3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 20, 90°, Box
1727910000
S2L 3.5/22/90G 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 22, 90°, Box
1727920000
S2L 3.5/24/90G 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 24, 90°, Box
1728080000
S2L 3.5/24/90G 3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 24, 90°, Box
1727930000
S2L 3.5/26/90G 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 26, 90°, Box
1728090000
S2L 3.5/26/90G 3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 26, 90°, Box
1755620000
S2L 3.5/26/90G 3.5AU SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 26, 90°, Box
1727940000
S2L 3.5/28/90G 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 28, 90°, Box
1728100000
S2L 3.5/28/90G 3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 28, 90°, Box
1727950000
S2L 3.5/30/90G 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 30, 90°, Box
1728110000
S2L 3.5/30/90G 3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 30, 90°, Box
1755480000
S2L 3.5/30/90G 3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 30, 90°, Box
1727960000
S2L 3.5/32/90G 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 32, 90°, Box
1728120000
S2L 3.5/32/90G 3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 32, 90°, Box
1755490000
S2L 3.5/32/90G 3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 32, 90°, Box
1727970000
S2L 3.5/34/90G 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 34, 90°, Box
1727980000
S2L 3.5/36/90G 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 36, 90°, Box



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com