Electronic Components Datasheet Search
  English  ▼

X  

KS-2S Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # KS-2S
Description  Snap-mount standard cable clamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

KS-2S Datasheet(HTML) 1 Page - KITAGAWA GmbH

  KS-2S Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
●
(
:
)
KS CLAMP / KS
Features
● Binding and securing of cables by easy snap
mounting.
Snap Mounting
Material
● Nylon 66
(Color:Natural)
UL94 V-2
(Unit:mm)
(Unit:mm)
…
Part No.
D
C
E
F
(G)
H
N
Inner diameter
Inner hole
Outer hole Center hole
Std. Package
Type
Diameter and dimension
(φA) φB
3.0
4.6
5.6
7.4
10.0
10.7
11.9
13.5
14.0
16.8
17.8
20.8
21.3
24.4
26.7
37.3
51.0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
11.9
13.5
-
-
-
-
-
-
-
-
-
-
-
-
11.9
13.5
15.1
19.8
24.6
9.5
10.3
11.1
11.9
12.7
13.5
14.3
15.1
15.9
17.5
18.2
19.0
19.8
21.4
23.0
27.8
34.1
3.3
5.3
6.8
8.4
10.6
12.2
13.2
15.2
16.0
19.0
19.8
22.1
22.9
26.9
29.2
39.4
52.1
A
B
C
NK-2N
NK-3N
NK-4N
NK-5N
NK-6N
NK-7N
NK-8N
NK-9N
NK-10N
NK-11N
NK-12N
NK-13N
NK-14N
NK-16N
NK-18N
NK-24N
NK-32N
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
35.0
46.2
-
-
-
-
-
-
-
-
-
-
-
-
18.5
22.3
24.1
31.2
43.7
4.8
4.8
6.3
6.3
3.2
7.9
9.5
1.1
1.8
9.5
12.7
4.3
5.1
Part No.
Panel
thickness
Mounting
hole size
Std. Package
18.9
26.6
34.7
37.1
Max bundle
diameter
100
pcs.
KS-2S
KS-5S
KS-8S
KS-10S
(A)
(B)
8.0
9.4
10.5
11.0
3.8
9.3
15.0
17.8
φ2.6
φ7.8
φ13.0
φ15.0
+0.2
0
φ4
0.5~2
(φC)
(A)
(B)
(φC)
100
pcs.
50
pcs.
25 pcs.
Round hole
1565
Snap-mount standard cable clamp
φB
C
F
(φA)
(φA)
φB
F
C
D
(φA)
φB
E
D
C
F
50


Similar Part No. - KS-2S

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KS-2R8334-R COOPER-KS-2R8334-R Datasheet
198Kb / 2P
Supercapacitors
More results

Similar Description - KS-2S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH6R3VSN123MP25T CHEMI-CON-EKMH6R3VSN123MP25T Datasheet
180Kb / 15P
Standard Voltage Ratings - Snap Mount
EKMM181VSN391MP30T CHEMI-CON-EKMM181VSN391MP30T Datasheet
141Kb / 12P
Standard Voltage Ratings - Snap Mount
logo
Glenair, Inc.
IT3057-16AF2 GLENAIR-IT3057-16AF2 Datasheet
249Kb / 1P
Cable Clamp
logo
Tyco Electronics
206062 MACOM-206062 Datasheet
89Kb / 1P
CABLE CLAMP KIT, STANDARD, SHELL SIZE 11, CPC
logo
List of Unclassifed Man...
561-C0125 ETC2-561-C0125 Datasheet
72Kb / 2P
Standard Cable Clamp
logo
Rosenberger Hochfrequen...
SLCC221-PF20 ROSENBERGER-SLCC221-PF20 Datasheet
106Kb / 2P
Cable Clamp
SLCC111-C05 ROSENBERGER-SLCC111-C05 Datasheet
238Kb / 2P
Cable Clamp
SLCC112-2029 ROSENBERGER-SLCC112-2029 Datasheet
177Kb / 1P
Cable Clamp
SLCC112-C03 ROSENBERGER-SLCC112-C03 Datasheet
74Kb / 2P
Cable Clamp
logo
TE Connectivity Ltd
C-213904 TEC-C-213904 Datasheet
59Kb / 1P
CABLE CLAMP KIT, STANDARD, UNASSEMBLED, SIZE 17, CPC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com