Electronic Components Datasheet Search
  English  ▼

X  

NXT-11 Datasheet(PDF) 2 Page - KITAGAWA GmbH

Part # NXT-11
Description  Snap-mount mini clamp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

NXT-11 Datasheet(HTML) 2 Page - KITAGAWA GmbH

  NXT-11 Datasheet HTML 1Page - KITAGAWA GmbH NXT-11 Datasheet HTML 2Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
●
●
(
:
※1
)
※1
※2
(
(
※2
)
●
●
(
:
)
※
(
(
※
)
(Unit:mm)
…
(Unit:mm)
…
1565
1565
Part No.
Panel
thickness
Mounting
hole size
Std. Package
(A)
UAMS-02WL-0
UAMS-02WH-2
UAMS-02-0
UAMS-03-0
UAMS-03W
UAMS-05-0
UAMS-05-2
UAMS-05S-2
UAMS-05SN
UAMS-05SN-W
UAMS-05L-0
UAMS-07-0
UAMS-09-0
UAMS-11-0
4.4
3.9
6.0
8.2
8.7
7.7
7.9
7.7
9.6
11.7
13.5
(B)
3.2
3.6
3.0
3.1
3.0
3.4
2.9
5.0
3.9
4.9
4.4 
C
4.0
2.2
3.6
4.4
4.5
D
2.5
1.5
2.0
3.4
3.0
3.5
3.0
W
8.2
7.0
9.0
11.0
9.0
10.6
11.8
Snap type
A
B
A
0.8~1.2
1.2~1.6
1.6±0.1
1.2~1.6
1~1.2
1.6  
1±0.2
1.6±0.1
500 pcs.
1,000 pcs.
500 pcs.
1,000 pcs.
1,000
pcs.
+0.1
0
+0.05
0
+0.1
0
+0.15
0
φ3
φ1.9
φ1.7
φ3
+0.1
0
φ3.5
φ3.5±0.1
0
-0.1
φ3±0.05
(H)
WS-1NS
WS-2NS
WS-3NS
WS-4NS
WS-2WS
WS-2NS-L
WS-2WC-V0
9.5
14.7
23.7
31.6
15.5
14.7
15.5
A
13.0
18.2
27.2
35.1
19.0
18.2
19.0
(B)
5.0
10.2
19.2
27.1
11.2
10.2
11.2
(C)
8.2
9.9
3.7
(W)
16.0
11.1
16.0
11.1
φ4.8
0.5~2.0
2.3~4.1
0.8~1.3
100
pcs.
500 pcs.
+0.2
0
Part No.
Panel
thickness
Mounting
hole size
Std. Package
(W)
2.2
6
(W) 2.2
6
1565
●
●
(
:
)
※
※
(
※
)
Part No.
Panel thickness
Mounting hole size
Std. Package
RWS-1T V0
RWS-2T V0
RWS-3T V0
RWS-4T V0
RWS-1015T-V0
15.5
20.0
11.5
16.0
14.2
19.2
28.2
36.2
20.4
Refer to
Specification
drawing
5.0
10.0
19.0
27.0
11.2
0.8~1.6
500 /pcs.
200 /pcs.
(A) (B) (C) (D)
(Unit:mm)
…
Part No.
Panel thickness
Mounting hole size
Std. Package
RWS-3522T
28.0 22.0 46.5
Refer to
Specification
drawing
35.5
0.8~1.6
100 /pcs.
(A)
B
(C) (D)
(Unit:mm)
…
Part No.
Panel thickness
Mounting hole size
Std. Package
RWS-2E-VO
15.1 11.1 25.4
Refer to
Specification
drawing
10.2
0.5~2.0
500 /pcs.
(A)
B
(C) (D)
(Unit:mm)
…
B
(A)
(14)
(A)
B
20.7
(A)
(B)
15.4
8+0.10
7.2 +0.20
7.3±0.1
■
W
C
4 ※3
■
C
W
4
※3 UAMS-02WL-0, -02WH-2:3mm
●
Space-saving compact type.
●
Nylon 66 (Color: Natural)
Features
Material
UL94 V-2
Std. Package: 1000 pcs.
Round hole
NXT-12
NXT-15
WIRE MOUNT / NXT
Part No.
A
Std. Package
NXT-15
3.4
1000
NXT-15S
2.4
(Unit: mm)
Snap-mount mini clamp
Snap Mounting
45



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com