Electronic Components Datasheet Search
  English  ▼

X  

DIO23157 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO23157
Description  Low on-resistance and Low Voltage SPDT Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO23157 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO23157 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO23157 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO23157 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO23157 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO23157 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO23157 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO23157 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO23157 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO23157 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DIO23157
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO23157• Rev. 1.3
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other condition
beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
-0.3
6
V
VS
DC switch voltage
-0.3
VCC+0.3
V
VIN
DC input voltage
-0.3
VCC+0.3
V
Isw
Switch current
±50
mA
Iswpeak
Peak switch current (pulse at 1ms duration, <10% duty cycle)
±80
mA
TSTG
Strorage temperature range
-65
150
°C
Tj
Junction temperature
150
°C
TL
Lead temperature range
260
°C
ESD
HBM, JEDEC: JESD22-A114
8
kV
CDM, JEDEC: JESD22-C101
1.5
Recommend Operating Conditions
Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
VCNTRL
Control input voltage
0
5.5
V
Vsw
Switch input voltage
0
5.5
V
TA
Operating temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com