Electronic Components Datasheet Search
  English  ▼

X  

CCS12B Datasheet(PDF) 4 Page - Clarke International

Part # CCS12B
Description  12”(315MM) CONTRACTOR TABLE SAW
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CCS12B Datasheet(HTML) 4 Page - Clarke International

  CCS12B Datasheet HTML 1Page - Clarke International CCS12B Datasheet HTML 2Page - Clarke International CCS12B Datasheet HTML 3Page - Clarke International CCS12B Datasheet HTML 4Page - Clarke International CCS12B Datasheet HTML 5Page - Clarke International CCS12B Datasheet HTML 6Page - Clarke International CCS12B Datasheet HTML 7Page - Clarke International CCS12B Datasheet HTML 8Page - Clarke International CCS12B Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY SYMBOLS
The above safety symbols appear on the product.
SAFETY WARNINGS
PERMITTED USAGE
The table saw is constructed exclusively for the sawing of wood. The
appropriate saw blade should be fitted according to the wood type (solid
wood, chipboard or plywood).
• Read and understand the entire owner's manual before attempting
assembly or operation.
• Read and understand the warnings posted on the machine and in
this manual. Failure to comply with all of these warnings may cause
serious injury.
HEALTH
When sawing, dust particles will be produced. In some instances this dust can
be harmful (e.g. lead from old gloss paint, arsenic and chromium from
chemically treated lumber).
To reduce the risk you should:
Read instruction
manual before use
Wear dust mask
Wear safety glasses
Wear ear defenders
Indoor Use Only
CAUTION: DO NOT LET FAMILIARITY WITH YOUR TABLE SAW MAKE YOU
CARELESS. REMEMBER THAT A CARELESS FRACTION OF A SECOND IS
SUFFICIENT TO CAUSE SEVERE INJURY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com