Electronic Components Datasheet Search
  English  ▼

X  

PDD-5 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # PDD-5
Description  Snap-mount cable clip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

PDD-5 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  PDD-5 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UL94 V-2 (V-0*)
●
Wireholder on PCB
●
Nylon 66 (Color: Natural)
* For V0 type, “V0” is added to the end of the part No.
(With regard to lot size and lead time, please contact us.)
Features
Material
(Unit: mm)
PDD-5
PDD-6/8/10
WIREHOLDER / PDD
(Unit: mm)
Part No.
A
B
Standard Package
PDD-5
5.2
6.6
1000
PDD-6
6.2
9.2
1000
PDD-8
8.2
11.2
500
PDD-10
10.2
13.2
500
Snap-mount cable clip
53


Similar Part No. - PDD-5

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDD-2C-3.0G MERRIMAC-PDD-2C-3.0G Datasheet
133Kb / 2P
POWER DIVIDER
PDD-2Z-1.7G MERRIMAC-PDD-2Z-1.7G Datasheet
143Kb / 5P
2-WAY POWER DIVIDERS
PDD-2Z-2.0G MERRIMAC-PDD-2Z-2.0G Datasheet
135Kb / 5P
2-WAY POWER DIVIDERS
PDD-3X-1.5G MERRIMAC-PDD-3X-1.5G Datasheet
162Kb / 5P
2-WAY POWER DIVIDERS
PDD-3Z-1.9G MERRIMAC-PDD-3Z-1.9G Datasheet
142Kb / 5P
3-WAY POWER DIVIDERS
More results

Similar Description - PDD-5

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SLC ITT-SLC Datasheet
452Kb / 16P
Snap/Clip-Lock Environmentally Sealed - Circular
logo
Bud Industries, Inc.
CM-2220 BUD-CM-2220 Datasheet
68Kb / 1P
CABLE CLIP PACKAGE
logo
Wurth Elektronik GmbH &...
7427711 WURTH-7427711 Datasheet
217Kb / 3P
STAR-CLIP Fixation for Snap Ferrites
7427713 WURTH-7427713 Datasheet
218Kb / 3P
STAR-CLIP Fixation for Snap Ferrites
logo
Winchester Electronics ...
SD01381 WINCHESTER-SD01381 Datasheet
27Kb / 1P
POWER SNAP STRAIGHT MALE CABLE MOUNT
logo
Dialight Corporation
515-0006F DIALIGHT-515-0006F Datasheet
199Kb / 1P
3mm LED Snap-In Mounting Clip
logo
List of Unclassifed Man...
12BH238-GR ETC2-12BH238-GR Datasheet
72Kb / 1P
AAA Snap-On Clip Anode / Positive
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
Panduct Snap-Clip Mounting Brackets
logo
Kycon, Inc.
KMDLAX KYCON-KMDLAX Datasheet
353Kb / 1P
Snap and Lock Cable Mount Plug
logo
Wurth Elektronik GmbH &...
7427722 WURTH-7427722 Datasheet
195Kb / 3P
WE-STAR-CLIP Fixation for Snap Ferrites
001.002
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com