Electronic Components Datasheet Search
  English  ▼

X  

UIB-2 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # UIB-2
Description  Snap-mount clamp with twist locking of cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

UIB-2 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  UIB-2 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
●
●
(
:
)
4
11.8
(9)
A
(Unit:mm)
Part No.
B
Mounting hole size
C
VLUAMS-09-M3-V0
M3 screw hole
(Thread pitch:0.5)
≦1
A
≧φ12
≧5
Std. Package
500 pcs.
Part No.
A
6
11
13
B
3
4.9
12.7
(C)
D
19.19
29.49
39.13
11.4
16.6
18.6
E
≧φ12
≧φ15
F
≦1
≦1
G
≧5
≧6
VLBWS-0306-M3-V0
VLBWS-0511-M4-V0
VLBWS-1313-M4-V0
(Unit:mm)
●
●
●
(
:
)
E
M3
(0.5)
M4
(0.7)
Mounting hole size
**
D
A
10.5
4
D
A
5
11.6
OMEGA HOLDER / UIB
Part No.
A
B
C
D
CLOSED (D)
Std. Package
UIB-1
33.8
3.1
7.1
10.6
6.1
1000
UIB-2
51.0
20.0
7.1
10.6
6.1
500
UIB-3
66.0
35.3
7.1
10.6
6.1
UIB-4
39.6
2.8
10.8
10.6
9.8
1000
UIB-5
56.8
20.0
10.8
10.6
9.8
500
UIB-6
71.5
35.2
10.8
10.6
9.8
UIB-7
42.0
3.0
15.0
10.6
13.8
1000
UIB-8
59.3
20.4
15.0
10.6
13.8
500
UIB-9
74.7
35.8
15.0
10.6
13.8
UIB-10
63.5
16.2
20.0
10.6
18.4
UIB-11
56.8
3.0
24.3
9.8
22.3
UIB-12
53.1
15.3
11.0
10.6
9.7
UIB-14
55.3
5.0
20.3
10.6
18.7
UIB-15
43.8
10.5
8.0
10.6
6.8
UIB-16
34.7
5.6
8.8
10.0
7.0
(Unit: mm)
UL94 V-2 (V-0*)
● Can be mounted with snap
● Cost saving and easy locking/un-locking
● Nylon 66 (Color: Natural)
* For V0 type, “V0” is added to the end of the part No.
(With regard to lot size and lead time, please contact us.)
Features
Material
Snap-mount clamp with twist locking of cable
Round hole
Snap Mounting
40


Similar Part No. - UIB-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UIBEAMKIT ETC2-UIBEAMKIT Datasheet
78Kb / 1P
TO ORDER BURNDY PRODUCTS CALL
More results

Similar Description - UIB-2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
IT3057-16AF2 GLENAIR-IT3057-16AF2 Datasheet
249Kb / 1P
Cable Clamp
logo
Rosenberger Hochfrequen...
SLCC221-PF20 ROSENBERGER-SLCC221-PF20 Datasheet
106Kb / 2P
Cable Clamp
SLCC111-C05 ROSENBERGER-SLCC111-C05 Datasheet
238Kb / 2P
Cable Clamp
SLCC112-0711 ROSENBERGER-SLCC112-0711 Datasheet
179Kb / 1P
Cable Clamp
SLCC112-2029 ROSENBERGER-SLCC112-2029 Datasheet
177Kb / 1P
Cable Clamp
SLCC112-C03 ROSENBERGER-SLCC112-C03 Datasheet
74Kb / 2P
Cable Clamp
SLCC221-C03 ROSENBERGER-SLCC221-C03 Datasheet
245Kb / 2P
Cable Clamp
SLCC221-C09 ROSENBERGER-SLCC221-C09 Datasheet
79Kb / 2P
Cable Clamp
SLCC221-PF14 ROSENBERGER-SLCC221-PF14 Datasheet
82Kb / 2P
Cable Clamp
logo
Wurth Elektronik GmbH &...
709620200 WURTH-709620200 Datasheet
153Kb / 3P
WA-SNSN Snap-In Spacer Snap Locking
001.001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com