Electronic Components Datasheet Search
  English  ▼

X  

XDM Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # XDM
Description  Clip with side slot for cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

XDM Datasheet(HTML) 1 Page - KITAGAWA GmbH

  XDM Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UL94 V-2 (V-0*)
● Can be mounted with adhesive tape
●
Nylon 66 (Color: Natural)
* For V0 type, “V0” is added to the end of the part No.
(With regard to lot size and lead time, please contact us.)
Features
Material
Std. Package: 1000 pcs.
Std. Package: 500 pcs.
Std. Package: 500 pcs.
XDM-8/9
XDM-10
XDM-11
WIRE MOUNT / XDM
(Unit: mm)
(Unit: mm)
(Unit: mm)
Part No.
A
B
C
D
E
F
XDM-8
25.4
6.5
15.5
11.6
7.8
11.3
XDM-9
25.2
12.7
25.2
11.6
7.6
11.0
Clip with side slot for cable
51


Similar Part No. - XDM

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
logo
Texas Instruments
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
Digital Media Processors
XDM3730ACUS TI-XDM3730ACUS Datasheet
2Mb / 268P
Applications Processor
XDM3730CBC TI-XDM3730CBC Datasheet
2Mb / 268P
Applications Processor
XDM3730CBP TI-XDM3730CBP Datasheet
2Mb / 280P
Digital Media Processors
More results

Similar Description - XDM

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5940 POMONA-5940 Datasheet
70Kb / 1P
Kelvin Clip Cable Assembly With Banana Plugs
logo
Bud Industries, Inc.
CM-2220 BUD-CM-2220 Datasheet
68Kb / 1P
CABLE CLIP PACKAGE
logo
3M Electronics
5940 3M-5940 Datasheet
29Kb / 2P
Kelvin Clip Cable Assembly With Banana Plugs
09-Jun-1999
logo
Molex Electronics Ltd.
34797-0203 MOLEX11-34797-0203 Datasheet
39Kb / 1P
MX150 Cable Unsealed Male Connector with GM Style Clip
34797-0208 MOLEX11-34797-0208 Datasheet
39Kb / 1P
MX150 Cable Unsealed Male Connector with Ford Style Clip
34797-0301 MOLEX11-34797-0301 Datasheet
45Kb / 1P
MX150 Cable Unsealed Male Connector with Ford Style Clip
logo
Harwin Plc
S8091-46R HARWIN-S8091-46R Datasheet
138Kb / 1P
SMT CABLE CLIP FOR COAX UL1745-DSB CX-50
logo
CUI INC
HSS-B20-CP-01 CUI-HSS-B20-CP-01 Datasheet
261Kb / 3P
with clip for easy component attachment
logo
Molex Electronics Ltd.
0348994075 MOLEX1-0348994075 Datasheet
37Kb / 2P
MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot
logo
Pepperl+Fuchs Inc.
VAZ-FK-CL1 PF-VAZ-FK-CL1 Datasheet
83Kb / 1P
Mounting clip for AS-Interface flat cable
2008-01-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com