Electronic Components Datasheet Search
  English  ▼

X  

A29000-151 Datasheet(PDF) 1 Page - Omnetics Connector Corp.

Part # A29000-151
Description  SOCKET FEMALE BI-LOBE CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.

A29000-151 Datasheet(HTML) 1 Page - Omnetics Connector Corp.

  A29000-151 Datasheet HTML 1Page - Omnetics Connector Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THIRD ANGLE
MNETICS
O
CONNECTOR CORPORATION
SHEET 2 OF 2 IS A
INTERNAL USE ONLY
MFG LOADING DIAGRAM
2X #0-80
UNF-2A
51
26
1
17.48
.688
.795
20.19
.040
1.02
.0125
0.32
.0575
1.46
27
A
A
ASTM D5138
CONTACT:
COPPER ALLOY PER MIL-DTL-32139,
GOLD PLATED PER ASTM B488,
(HARD GOLD) TYPE II CODE C CLASS
1.27
WIRE:
NEMA HP3 TYPE ET, COLOR CODED
IAW MIL-STD-681, SYSTEM 1, USING
TEN SOLID REPEATING COLORS
HARDWARE:
303 STAINLESS STEEL PER ASTM 582
CURRENT RATING:
1 AMP MAX PER MIL-DTL-32139
CONTACT RESISTANCE:
71 MILLIOHM MAX (71mV DROP MAX)
@ 1.0 AMPS PER MIL-DTL-32139
PERFORMANCE:
PRODUCT FAMILY TESTED TO AND
PASSED THE PERFORMANCE
SPECIFICATIONS OF TABLE VIII OF
MIL-DTL-32139
MATERIALS & SPECIFICATIONS
HOUSING:
ALUMINUM 6061-T6, NICKEL PLATE
PER AMS-C-26074
INSULATOR:
LIQUID CRYSTAL POLYMER (LCP) PER
SOCKET #
COLOR
1, 11, 21, 31, 41, 51
BLACK
2, 12, 22, 32, 42
BROWN
3, 13, 23, 33, 43
RED
4, 14, 24, 34, 44
ORANGE
5, 15, 25, 35, 45
YELLOW
6, 16, 26, 36, 46
GREEN
7, 17, 27, 37, 47
BLUE
8, 18, 28, 38, 48
VIOLET
9, 19, 29, 39, 49
GRAY
10, 20, 30, 40, 50
WHITE
PART NO.
REV
ECO
DATE
APP
REV
TITLE:
4 PL DEC
UNLESS OTHERWISE NOTED
SCALE: 3:1
SHEET 1 OF 2
DWG NO.
DATE
DATE
DATE
DFTM. AAS
CHK'D.
APP'D.
05-10-04
DIMENSIONS IN INCHES
CAGE CODE
61873
G
96258
TLM
10-19-09
-TOLERANCES-
WWW.OMNETICS.COM
MINNEAPOLIS, MN 55432
7260 COMMERCE CIRCLE EAST
DISCLOSED FOR ANY PURPOSE, WITHOUT WRITTEN PERMISSION FROM OMNETICS CONNECTOR CORP.
(51) SOCKET FEMALE
-
BI-LOBE CONNECTOR
G
A29000-151
A29000-151
OMNETICS CONNECTOR CORP. THIS DOCUMENT MAY NOT, IN WHOLE OR IN PART, BE DUPLICATED, OR
ANGLES
THIS DRAWING CONTAINS CONFIDENTIAL AND PROPRIETARY INFORMATION WHICH IS THE PROPERTY OF
2 PL DEC
3 PL DEC
.01
.005
.0005
1
.080
2.03
22.86
.900
18.00-.00
+.38
457.2 0
+9.7
.375 MAX
9.53
SECTION A-A
VIEW LESS HARDWARE
.125
3.18
5.72
.225
1.78
(TYP)
2.79
.110
.070
.098
2.49
ACTUAL SIZE
EXCLUDING WIRE LENGTH


Similar Part No. - A29000-151

ManufacturerPart #DatasheetDescription
logo
Omnetics Connector Corp...
A29000-109 OMNETICS-A29000-109 Datasheet
48Kb / 1P
SOCKET FEMALE BI-LOBE CONNECTOR
10-19-09
A29000-115 OMNETICS-A29000-115 Datasheet
49Kb / 1P
SOCKET FEMALE BI-LOBE CONNECTOR
10-19-09
A29000-121 OMNETICS-A29000-121 Datasheet
49Kb / 1P
SOCKET FEMALE BI-LOBE CONNECTOR
10-19-09
A29000-125 OMNETICS-A29000-125 Datasheet
49Kb / 1P
SOCKET FEMALE BI-LOBE CONNECTOR
10-19-09
A29000-131 OMNETICS-A29000-131 Datasheet
50Kb / 1P
SOCKET FEMALE BI-LOBE CONNECTOR
10-19-09
More results

Similar Description - A29000-151

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437020-1 MACOM-2-1437020-1 Datasheet
78Kb / 1P
STANDARD STRAIN RELIEF, FEMALE SOCKET CONNECTOR
logo
Laird Tech Smart Techno...
J23014V00-120N LSTD-J23014V00-120N Datasheet
420Kb / 1P
Extraordinary low side lobe performance
logo
Linx Technologies
ADP-RPSM-SMAF-G LINX-ADP-RPSM-SMAF-G Datasheet
292Kb / 2P
ADAPTER, RP-SMA PLUG (FEMALE SOCKET) TO SMA JACK (FEMALE SOCKET), GOLD
ADP-SMAF-SMAF-G LINX-ADP-SMAF-SMAF-G Datasheet
299Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO SMA JACK (FEMALE SOCKET), GOLD
ADP-SMAF-UFLM LINX-ADP-SMAF-UFLM Datasheet
284Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO MHF PLUG (FEMALE SOCKET)
logo
List of Unclassifed Man...
DIN34827FL ETC-DIN34827FL Datasheet
97Kb / 1P
Hexalobular (6 Lobe) socket set screws
logo
Omnetics Connector Corp...
A40838-015 OMNETICS-A40838-015 Datasheet
472Kb / 1P
(15) PIN MALE/FEMALE Bi-Lobe® CONNECTOR SAVER
Rev. A
A40838-021 OMNETICS-A40838-021 Datasheet
512Kb / 1P
(21) PIN MALE/FEMALE Bi-Lobe® CONNECTOR SAVER
Rev. A
A40838-051 OMNETICS-A40838-051 Datasheet
637Kb / 1P
(51) PIN MALE/FEMALE Bi-Lobe® CONNECTOR SAVER
Rev. A
logo
TE Connectivity Ltd
ENG_CD_1658527 TEC-ENG_CD_1658527 Datasheet
215Kb / 1P
CONNECTOR ASSEMBLY, FEMALE SOCKET TRANSITION, 622 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com