Electronic Components Datasheet Search
  English  ▼

X  

A29100-009 Datasheet(PDF) 1 Page - Omnetics Connector Corp.

Part # A29100-009
Description  SOCKET FEMALE Bi-Lobe® CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.

A29100-009 Datasheet(HTML) 1 Page - Omnetics Connector Corp.

  A29100-009 Datasheet HTML 1Page - Omnetics Connector Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THIRD ANGLE
.163
4.14
.170
4.32
.270
6.86
.0575
1.461
.140
3.56
.040
1.02
.0125
0.318
1
5
9
6
2X #0-80
UNF-2B
A
A
A
.010 (TYP)
SOLDER COATED
0.25
.087
2.21
.137
3.48
.375
9.53
.270
6.86
.225
5.72
.187
4.75
2X #0-80
UNF-2B
.085
2.16
.110
2.79
.070 (TYP)
1.78
.125
3.18
.098
2.49
B
SECTION A-A
DETAIL B
SCALE 10 : 1
.006 A
ACTUAL SIZE
.017 (TYP)
0.43
2X .070
1.78
.270
6.86
.074
1.88
.100
2.54
.075
1.91
.050
1.27
.042 MIN
(TYP)
1.07
.085
2.16
SUGGESTED PAD LAYOUT
6
1
MATERIALS & SPECIFICATIONS
HOUSING:
ALUMINUM 6061-T6, NICKEL PLATE
PER SAE-AMS-2404
INSULATOR:
LIQUID CRYSTAL POLYMER (LCP) PER
ASTM D5138
CONTACTS:
COPPER ALLOY PER MIL-DTL-32139,
GOLD PLATED PER ASTM B488,
(HARD GOLD) TYPE II CODE C CLASS
1.27
TERMINATIONS:
SOLDER COATED WITH SN63A
PER J-STD-006
CURRENT RATING:
1 AMP MAX PER MIL-DTL-32139
CONTACT RESISTANCE:
71 MILLIOHM MAX (71mV DROP MAX)
@ 1.0 AMPS PER MIL-DTL-32139
PERFORMANCE:
PRODUCT FAMILY TESTED TO AND
PASSED THE PERFORMANCE
SPECIFICATIONS OF TABLE VIII OF
MIL-DTL-32139
NOTE:
DIMENSIONS IN [ ] ARE IN
MILLIMETERS UNLESS
OTHERWISE NOTED AND ARE
FOR REFERENCE ONLY
PART NO.
REV
ECO
DATE
APP
REV
TITLE:
-TOLERANCES-
UNLESS OTHERWISE NOTED
SCALE: 3:1
SHEET 1 OF 1
DWG NO.
DATE
DATE
DATE
DFTM. AAS
CHK'D.
APP'D.
05-10-04
DIMENSIONS IN INCHES
CAGE CODE
61873
K
102551
TLM
05-03-16
7260 COMMERCE CIRCLE EAST
MINNEAPOLIS, MN 55432
WWW.OMNETICS.COM
THIS DRAWING CONTAINS CONFIDENTIAL AND PROPRIETARY INFORMATION WHICH IS THE PROPERTY OF
OMNETICS CONNECTOR CORP. THIS DOCUMENT MAY NOT, IN WHOLE OR IN PART, BE DUPLICATED, OR
DISCLOSED FOR ANY PURPOSE, WITHOUT WRITTEN PERMISSION FROM OMNETICS CONNECTOR CORP.
(09) SOCKET FEMALE
-
Bi-Lobe® CONNECTOR
K
A29100-009
A29100-009
2 PL DEC
3 PL DEC
4 PL DEC
ANGLES
.01
.005
.0005
1


Similar Part No. - A29100-009

ManufacturerPart #DatasheetDescription
logo
Omnetics Connector Corp...
A29100-015 OMNETICS-A29100-015 Datasheet
86Kb / 1P
SOCKET FEMALE Bi-Lobe® CONNECTOR
05-03-16
A29100-021 OMNETICS-A29100-021 Datasheet
90Kb / 1P
SOCKET FEMALE Bi-Lobe® CONNECTOR
05-03-16
A29100-025 OMNETICS-A29100-025 Datasheet
93Kb / 1P
SOCKET FEMALE Bi-Lobe® CONNECTOR
05-03-16
A29100-031 OMNETICS-A29100-031 Datasheet
96Kb / 1P
SOCKET FEMALE Bi-Lobe® CONNECTOR
05-03-16
A29100-037 OMNETICS-A29100-037 Datasheet
100Kb / 1P
SOCKET FEMALE Bi-Lobe® CONNECTOR
05-03-16
More results

Similar Description - A29100-009

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437020-1 MACOM-2-1437020-1 Datasheet
78Kb / 1P
STANDARD STRAIN RELIEF, FEMALE SOCKET CONNECTOR
logo
Laird Tech Smart Techno...
J23014V00-120N LSTD-J23014V00-120N Datasheet
420Kb / 1P
Extraordinary low side lobe performance
logo
List of Unclassifed Man...
DIN34827FL ETC-DIN34827FL Datasheet
97Kb / 1P
Hexalobular (6 Lobe) socket set screws
logo
Amphenol Sine Systems C...
SC000532-10-R4 ASS-SC000532-10-R4 Datasheet
199Kb / 1P
4MM FEMALE SOCKET, 10-12AWG MACHINED RADSOCK® R8S CONTACT
Rev. A1
SC000532-14-R4 ASS-SC000532-14-R4 Datasheet
198Kb / 1P
4MM FEMALE SOCKET, 14-16AWG MACHINED RADSOCK® R8S CONTACT
Rev. A1
SC000532-6-R4 ASS-SC000532-6-R4 Datasheet
199Kb / 1P
4MM FEMALE SOCKET, 6-8AWG MACHINED RADSOCK® R8S CONTACT
Rev. A1
logo
Omnetics Connector Corp...
A40838-015 OMNETICS-A40838-015 Datasheet
472Kb / 1P
(15) PIN MALE/FEMALE Bi-Lobe® CONNECTOR SAVER
Rev. A
A40838-021 OMNETICS-A40838-021 Datasheet
512Kb / 1P
(21) PIN MALE/FEMALE Bi-Lobe® CONNECTOR SAVER
Rev. A
A40838-051 OMNETICS-A40838-051 Datasheet
637Kb / 1P
(51) PIN MALE/FEMALE Bi-Lobe® CONNECTOR SAVER
Rev. A
logo
Lapp.
11281000 LAPP-11281000 Datasheet
77Kb / 1P
EPIC® GUIDE PIN/GUIDE SOCKET
29.08.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com