Electronic Components Datasheet Search
  English  ▼

X  

1949000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1949000000
Description  BLZP 5.08/20/270 SN BK BX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1949000000 Datasheet(HTML) 4 Page - Weidmuller

  1949000000 Datasheet HTML 1Page - Weidmuller 1949000000 Datasheet HTML 2Page - Weidmuller 1949000000 Datasheet HTML 3Page - Weidmuller 1949000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, tension clamp connection, pitch 5.00/5.08 | BLZP 5.00-5.08/90/270 | BLZP 5.08/270 SN
- 4 -
1948880000
BLZP 5.08/11/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 11, 90°, Box
1948890000
BLZP 5.08/12/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 12, 90°, Box
1948900000
BLZP 5.08/13/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 13, 90°, Box
1948910000
BLZP 5.08/14/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 14, 90°, Box
1948920000
BLZP 5.08/15/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 15, 90°, Box
1948930000
BLZP 5.08/16/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 16, 90°, Box
1948940000
BLZP 5.08/17/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 17, 90°, Box
1948950000
BLZP 5.08/18/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 18, 90°, Box
1948960000
BLZP 5.08/19/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 19, 90°, Box
1948970000
BLZP 5.08/20/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 20, 90°, Box
1948980000
BLZP 5.08/21/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 21, 90°, Box
1948990000
BLZP 5.08/22/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 22, 90°, Box
1949000000
BLZP 5.08/23/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 23, 90°, Box
1949010000
BLZP 5.08/24/270 SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 24, 90°, Box



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com