Electronic Components Datasheet Search
  English  ▼

X  

PSN3 Datasheet(PDF) 1 Page - Mobile Mark, Inc.

Part # PSN3
Description  Device Antennas, Halfwave Single-band 806-1990 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOBILEMARK [Mobile Mark, Inc.]
Direct Link  https://www.mobilemark.com/
Logo MOBILEMARK - Mobile Mark, Inc.

PSN3 Datasheet(HTML) 1 Page - Mobile Mark, Inc.

  PSN3 Datasheet HTML 1Page - Mobile Mark, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
antenna solutions
US Office: Tel: 800.648.2800 or +1.847.671.6690
UK Office: Tel: (+44) 1543 459 555
www.mobilemark.com
12
Specifications subject to change without notice (10/2018)
Whip Length 90o :
900 & 925 Series
7.9”(201mm)whenrightangle
1800 & 1900 Series
6.5”(165mm)whenrightangle
PSN3 Series
Straight only
Right Angle Standoff:
1.25”(32mm)insideelbow
1.75”(45 mm) outside elbow
Shock & Vibration:
PSKN3 & PSN3
EN 61373, IEEE 1478,
MIL-810G, TIA-329.2-C
Water Ingress:
PSKN3: IPx5; PSN3: IPx7
• Up to 2.3 dBi gain styles with semi-flexible
radome and adjustable knuckle
• Halfwave design requires no ground
plane
• Sleek molded profile, with a choice of
SMA or TNC connectors
Device Antennas, Halfwave
Single-band 806-1990 MHz
These halfwave antennas require no ground plane for opera-
tion. This makes them ideal for use with portable devices or
products with no substantial ground plane. They can even be
used with products that consist of all plastic chassis or case.
The PSKN Series antennas use a full length center fed dipole
configuration. A knuckle feature allows the antenna to be
adjusted between a straight position, to a 90o right angle po-
sition. This is useful for products that may need to be placed
both horizontal and vertical, or where the connector is placed
on the side of a radio device.
The PSN3 Series antennas offer the same electrical character-
istics as the PSKN3 antennas, but they have a permanently
fixed straight position.
Maximum radiation is achieved along the horizon, and band-
width provided is substantial. VSWR is typically 2:1 or better
over the desired frequency range. The antennas are available
in many popular frequency bands.
The radome is made of flexible Polyurethane. Standard con-
nector styles available include TNC or SMA. For FCC part 15
compliance, select models offer reverse polarity connectors.
Both Series meet industrial and military shock & vibration
specs. the PSKN3 Series is rate IPx5 for water ingress. The
PSN3 has a higher water-resistance and is rated IPx7.
Specifications
Frequency:
See above
Gain:
2.3 dBi max
VSWR:
2:1 over band
Impedance:
50 Ohm nominal
Maximum Power:
10 Watts
Connector:
See models above
Whip Length Straight:
900 & 925 Series
9” (229 mm) when straight
1800 & 1900 Series
7.8”(198mm)whenstraight
Case Material:
Polyurethane
Operating Temp:
-40o to +85o C
PSKN Adjustable
Series
PSN3 Fixed
Straight Model
SMA (L) &TNC (R)
Versions
Model #
Application
Frequency
TNC Plug (Male) Connectors
PSKN3-900T
US Cellular
806-894 MHz
PSKN3-925T
EU GSM/ISM 915
870-960 MHz
PSKN3-1800T
EU DCS-1800
1710-1880 MHz
PSKN3-1900T
US 1.9 GHz PCS
1850-1990 MHz
PSN3-925T
ISM 915 band
870-960 MHz
PSN3-900T
US Cellular
806-894 MHz
PSN3-915T
ISM 915 band
870-960 MHz
PSN3-1800T
EU DCS-1800
1710-1880 MHz
SMA Plug (Male) Connectors
PSKN3-900S
US Cellular
806-894 MHz
PSKN3-925S
EU GSM/ISM 915
870-960 MHz
PSKN3-1800S
EU DCS-1800
1710-1880 MHz
PSKN3-1900S
US 1.9 GHz PCS
1850-1990 MHz
PSN3-925S
ISM 915 band
870-960 MHz
PSN3-1800S
EU DCS-1800
1710-1880 MHz
PSN3-1900S
US 1.9 GHz PCS
1850-1990 MHz
PSN3-900S
US Cellular
806-894 MHz
Rev SMA Plug (Male) Connectors
PSKN3-925RS
ISM 915 band
870-960 MHz
PSN3-925RS
ISM 915 band
870-960 MHz
Rev TNC Plug (Male) Connectors
PSKN3-925RT
ISM 915 band
870-960 MHz
PSN3-925RT
ISM 915 band
870-960 MHz


Similar Part No. - PSN3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PSN3 MSYSTEM-PSN3 Datasheet
205Kb / 7P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
logo
Mobile Mark, Inc.
PSN3-2400 MOBILEMARK-PSN3-2400 Datasheet
296Kb / 1P
Device Halfwave Antennas WiFi & WiMAX
9/2018
PSN3-2400RS MOBILEMARK-PSN3-2400RS Datasheet
296Kb / 1P
Device Halfwave Antennas WiFi & WiMAX
9/2018
PSN3-2400RS MOBILEMARK-PSN3-2400RS Datasheet
296Kb / 1P
Device Halfwave Antennas WiFi & WiMAX
9/2018
PSN3-2400RT MOBILEMARK-PSN3-2400RT Datasheet
296Kb / 1P
Device Halfwave Antennas WiFi & WiMAX
9/2018
More results

Similar Description - PSN3

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000086-PS1C1T MA-COM-MAFR-000086-PS1C1T Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 1930 MHz-1990 MHz
MAFRIN0540 MA-COM-MAFRIN0540 Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 1930 MHz-1990 MHz
logo
Pasternack Enterprises,...
PE51013 PASTERNACK-PE51013 Datasheet
41Kb / 1P
Low Profile Antenna, 806 - 896 MHz / 1710 . 1990 MHz, 3 dB
PE51014 PASTERNACK-PE51014 Datasheet
46Kb / 1P
Dual Band Antenna, 824 - 896 MHz / 1850 . 1990 MHz
logo
List of Unclassifed Man...
ANT859DBDDAW ETC2-ANT859DBDDAW Datasheet
197Kb / 1P
DUAL BAND ANTENNAS
logo
TAI-SAW TECHNOLOGY CO.,...
TA1299A TAI-SAW-TA1299A Datasheet
481Kb / 6P
SAW Filter 806 MHz
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B201T WALSIN-RFBPF1109B201T Datasheet
619Kb / 7P
1930 ~ 1990 MHz Band Working Frequency
SF11091960B201T WALSIN-SF11091960B201T Datasheet
765Kb / 8P
1930~1990 MHz Band Working Frequency
logo
Tallysman Wireless Inc.
TW2410 TALLYSMAN-TW2410 Datasheet
324Kb / 2P
TW2410 and TW2412 Single Band GNSS Antennas
TW2710 TALLYSMAN-TW2710 Datasheet
324Kb / 2P
TW2710 and TW2712 Single Band GNSS Antennas
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com