Electronic Components Datasheet Search
  English  ▼

X  

RA4M1 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 46Page - Renesas Technology Corp RA4M1 Datasheet HTML 47Page - Renesas Technology Corp RA4M1 Datasheet HTML 48Page - Renesas Technology Corp RA4M1 Datasheet HTML 49Page - Renesas Technology Corp RA4M1 Datasheet HTML 50Page - Renesas Technology Corp RA4M1 Datasheet HTML 51Page - Renesas Technology Corp RA4M1 Datasheet HTML 52Page - Renesas Technology Corp RA4M1 Datasheet HTML 53Page - Renesas Technology Corp RA4M1 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 50 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
Figure 2.21
Voltage dependency in Subosc-speed mode (reference data)
Note 1.
Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up
MOSs are in the off state.
Note 2.
The IWDT and LVD are not operating.
Note 3.
Includes the current of sub-oscillation circuit or low-speed on-chip oscillator.
Note 4.
VCC = 3.3 V.
Table 2.12
Operating and standby current (2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Typ*4
Max
Unit
Test conditions
Supply
current*1
Software Standby
mode*2
Ta = 25°C
ICC
0.8
4.5
μA-
Ta = 55°C
1.3
7.1
Ta = 85°C
3.5
20.2
Ta = 105°C
8.7
53.7
Increment for RTC operation with
low-speed on-chip oscillator*3
0.5
-
-
Increment for RTC operation with
sub-clock oscillator*3
0.4
-
SOMCR.SODRV[1:0] are 11b
(Low power mode 3)
1.2
-
SOMCR.SODRV[1:0] are 00b
(Normal mode)
Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the
actual measurements of the sample cores during product evaluation.
Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the
actual measurements for the upper limit samples during product evaluation.
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC (V)
, ICLK = 32 MHz*2
Ta = 105 C
Ta = 25 C, ICLK = 32 MHz*1
Ta = 25 C
 , ICLK = 32 MHz *1
Ta = 105 C
 , ICLK = 32 MHz *2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com